Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8049 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM8049
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 12Page - Linear Technology LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology LTM8049 Datasheet HTML 15Page - Linear Technology LTM8049 Datasheet HTML 16Page - Linear Technology LTM8049 Datasheet HTML 17Page - Linear Technology LTM8049 Datasheet HTML 18Page - Linear Technology LTM8049 Datasheet HTML 19Page - Linear Technology LTM8049 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTM4661
17
4661f
For more information www.linear.com/LTM4661
APPLICATIONS INFORMATION
Figure 17. 3.3V Input to 5V Output, at 2A Design
Figure 18. 3.3V to 5V Input, 12V Output Design with External Clock
Figure 19. Two LTM4661 Module Parallel Design for 8V/2A Output Running at 1.2MHz
COUT
22µF ×2
16V
CIN
22µF ×2
6.3V
R1
31.6k
4661 F17
2.2µF
LTM4661 VOUT
FB
VOUT
5V/2A
VIN
SDB
MODE/SYNC
INTVCC
FREQ COMP
GND
VIN
3.3V
COUT
22µF ×2
25V
CIN
22µF ×2
6.3V
R2
11k
140k
4661 F18
3MHz CLOCK
SWITCHING FREQUENCY = CLOCK FREQUENCY/2
2.2µF
LTM4661
VOUT
FB
VOUT
12V/0.8A
VIN
SDB
MODE/SYNC
INTVCC
FREQ COMP
GND
VIN
3.3V TO 5V
22µF ×2
25V
22µF ×2
6.3V
8.87k
4661 F19
22µF ×2
25V
22µF ×2
6.3V
LTC6802 SET TO
2-PHASE 2.4MHz CLOCK OUTPUT
SWITCHING FREQUENCY = CLOCK FREQUENCY/2
1µF
83.5k
2.2µF
2.2µF
LTM4661
VOUT
FB
VIN
SDB
MODE/SYNC
INTVCC
FREQ COMP
GND
LTM4661
VOUT
FB
VOUT
8V/2A
VIN
SDB
MODE/SYNC
INTVCC
LTC6902
V+
DIV
PH
OUT1
OUT2
10
9
8
7
6
SET
MOD
GND
OUT4
OUT3
1
2
3
4
5
FREQ COMP
COMP
COMP
GND
VIN
3.3V TO 5V
INTVCC
INTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com