Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8053 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8053
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8053 Datasheet(HTML) 2 Page - Linear Technology

  LTM8053 Datasheet HTML 1Page - Linear Technology LTM8053 Datasheet HTML 2Page - Linear Technology LTM8053 Datasheet HTML 3Page - Linear Technology LTM8053 Datasheet HTML 4Page - Linear Technology LTM8053 Datasheet HTML 5Page - Linear Technology LTM8053 Datasheet HTML 6Page - Linear Technology LTM8053 Datasheet HTML 7Page - Linear Technology LTM8053 Datasheet HTML 8Page - Linear Technology LTM8053 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTM8003
2
8003fc
For more information www.linear.com/LTM8003
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, RUN, PG Voltage .............................................. 42V
VOUT, BIAS Voltage ................................................. 19V
FB, TR/SS Voltage ..................................................... 4V
SYNC Voltage ............................................................ 6V
(Notes 1, 2)
F
G
H
E
A
B
C
D
2
1
4
3
5
6
BGA PACKAGE
48-LEAD (9mm × 6.25mm × 3.32mm) BGA PACKAGE
TOP VIEW
ADJUSTABLE VERSION
SYNC
GND
GND
RUN
NC
GND
BANK 1
BIAS
FB
VOUT
BANK2
VIN
BANK 3
PG
TR/SS
RT
TJMAX = 150°C, θJA = 23.5°C/W, θJCbottom = 3.2°C/W
θJCtop = 17.9°C/W, θJB = 3.1°C/W, WEIGHT = 0.5g
θ VALUES DETERMINED PER JEDEC51-9, 51-12
F
G
H
E
A
B
C
D
2
1
4
3
5
6
BGA PACKAGE
48-LEAD (9mm × 6.25mm × 3.32mm) BGA PACKAGE
TOP VIEW
FIXED OUTPUT VERSION
SYNC
GND
GND
RUN
NC
BIAS
BANK2
VIN
PG
TR/SS
RT
GND
BANK 1
VOUT
BANK 3
TJMAX = 150°C, θJA = 23.5°C/W, θJCbottom = 3.2°C/W
θJCtop = 17.9°C/W, θJB = 3.1°C/W, WEIGHT = 0.5g
θ VALUES DETERMINED PER JEDEC51-9, 51-12
ORDER INFORMATION (http://www.linear.com/product/LTM8003#orderinfo)
PART NUMBER
TERMINAL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTM8003IY#PBF
SAC305 (RoHS)
LTM8003
e1
BGA
3
–40°C to 125°C
LTM8003HY#PBF
SAC305 (RoHS)
LTM8003
e1
BGA
3
–40°C to 150°C
LTM8003IY
SnPb (63/37)
LTM8003
e0
BGA
3
–40°C to 125°C
LTM8003HY
SnPb (63/37)
LTM8003
e0
BGA
3
–40°C to 150°C
LTM8003-3.3IY#PBF
SAC305 (RoHS)
LTM8003-3.3
e1
BGA
3
–40°C to 125°C
LTM8003-3.3HY#PBF
SAC305 (RoHS)
LTM8003-3.3
e1
BGA
3
–40°C to 150°C
• Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/umodule/pcbassembly
• BGA Package and Tray Drawings: www.linear.com/packaging
Maximum Internal Temperature (I-Grade) ........... 125°C
Maximum Internal Temperature (H-Grade) ......... 150°C
Storage Temperature (I-Grade) ........................... 125°C
Storage Temperature (H-Grade) ........... –50°C to 150°C
Peak Reflow Solder Body Temperature ............... 250°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com