Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8053 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8053
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8053 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8053 Datasheet HTML 16Page - Linear Technology LTM8053 Datasheet HTML 17Page - Linear Technology LTM8053 Datasheet HTML 18Page - Linear Technology LTM8053 Datasheet HTML 19Page - Linear Technology LTM8053 Datasheet HTML 20Page - Linear Technology LTM8053 Datasheet HTML 21Page - Linear Technology LTM8053 Datasheet HTML 22Page - Linear Technology LTM8053 Datasheet HTML 23Page - Linear Technology LTM8053 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTM8003
20
8003fc
For more information www.linear.com/LTM8003
APPLICATIONS INFORMATION
An active pull-down circuit is connected to the TR/SS pin
which will discharge the external soft-start capacitor in
the case of fault conditions and restart the ramp when the
faults are cleared. Fault conditions that clear the soft-start
capacitor are the RUN pin transitioning low, VIN voltage
falling too low, or thermal shutdown.
Pre-Biased Output
As discussed in the Output Voltage Tracking and Soft-
Start section, the LTM8003 regulates the output to the
FB voltage determined by the TR/SS pin whenever TR/
SS is less than 0.97V. If the LTM8003 output is higher
than the target output voltage, the LTM8003 will attempt
to regulate the output to the target voltage by returning a
small amount of energy back to the input supply. If there
is nothing loading the input supply, its voltage may rise.
Take care that it does not rise so high that the input voltage
exceeds the absolute maximum rating of the LTM8003.
Frequency Foldback
The LTM8003 is equipped with frequency foldback which
actstoreducethethermalandenergystressontheinternal
power elements during a short circuit or output overload
condition. If the LTM8003 detects that the output has
fallenoutofregulation,theswitchingfrequencyisreduced
as a function of how far the output is below the target
voltage. This in turn limits the amount of energy that can
be delivered to the load under fault. During the start-up
time, frequency foldback is also active to limit the energy
delivered to the potentially large output capacitance of
the load. When a clock is applied to the SYNC pin, the
SYNC pin is floated or held high, the frequency foldback
is disabled, and the switching frequency will slow down
only during overcurrent conditions.
Synchronization
To select low ripple Burst Mode operation, tie the SYNC
pin below about 0.4V (this can be ground or a logic low
output). To synchronize the LTM8003 oscillator to an
external frequency, connect a square wave (with about
20% to 80% duty cycle) to the SYNC pin. The square
wave amplitude should have valleys that are below 0.4V
and peaks above 1.5V.
The LTM8003 will not enter Burst Mode operation at low
output loads while synchronized to an external clock, but
insteadwillpulseskiptomaintainregulation.TheLTM8003
maybesynchronizedovera200kHzto3MHzrange.TheRT
resistor should be chosen to set the switching frequency
equal to or below the lowest synchronization input. For
example, if the synchronization signal will be 500kHz and
higher, the RT should be selected for 500kHz.
For some applications it is desirable for the LTM8003 to
operate in pulse-skipping mode, offering two major dif-
ferences from Burst Mode operation. The first is that the
clock stays awake at all times and all switching cycles
are aligned to the clock. The second is that full switching
frequency is reached at lower output load than in Burst
Modeoperation.Thesetwodifferencescomeattheexpense
of increased quiescent current. To enable pulse-skipping
mode, the SYNC pin is floated.
The LTM8003 features spread spectrum operation to
further reduce EMI/EMC emissions. To enable spread
spectrum operation, apply between 2.9V and 4.2V to the
SYNC pin. In this mode, triangular frequency modulation
is used to vary the switching frequency between the value
programmed by RT to about 20% higher than that value.
Themodulationfrequencyisabout3kHz.Forexample,when
the LTM8003 is programmed to 2MHz, the frequency will
vary from 2MHz to 2.4MHz at a 3kHz rate. When spread
spectrum operation is selected, Burst Mode operation is
disabled, and the part will run in pulse-skipping mode.
TheLTM8003doesnotoperateinforcedcontinuousmode
regardless of SYNC signal.
Negative Output
The LTM8003 is capable of generating a negative output
voltage by connecting its VOUT to system GND and the
LTM8003 GND to the negative voltage rail. An example
of this is shown in the Typical Applications section. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com