Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX75HP-2000 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZX75HP-2000
Description  High Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75HP-2000 Datasheet(HTML) 1 Page - Mini-Circuits

  ZX75HP-2000 Datasheet HTML 1Page - Mini-Circuits ZX75HP-2000 Datasheet HTML 2Page - Mini-Circuits ZX75HP-2000 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• Low insertion loss
• Sharp rejection
• Connectorized package
Product Overview
ZX75HP-2000+ is a High pass filter in a rugged connectorized package covering 2000 to 3000 MHz. This filter
outstanding sharp rejection, low insertion loss and power handling for use in sub-harmonic rejection applica-
tions.
Feature
Advantages
Low insertion loss
Can be used in high performance applications.
Good rejection
This enables the filter to attenuate spurious signals and reject harmonics for broad band frequency.
Connectorized package
The connectorized package is easy to interface with other devices and well suited for test setups.
Key Features
ZX75HP-2000+
50Ω
2000 to 3000 MHz
CASE STYLE: KE1467
High Pass Filter
Coaxial


Similar Part No. - ZX75HP-2000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX75HP-225 MINI-ZX75HP-225 Datasheet
385Kb / 3P
High Pass Filter
ZX75HP-225+ MINI-ZX75HP-225+ Datasheet
385Kb / 3P
High Pass Filter
ZX75HP-225-S+ MINI-ZX75HP-225-S+ Datasheet
385Kb / 3P
High Pass Filter
ZX75HP-2400 MINI-ZX75HP-2400 Datasheet
432Kb / 3P
High Pass Filter
ZX75HP-2400+ MINI-ZX75HP-2400+ Datasheet
432Kb / 3P
High Pass Filter
More results

Similar Description - ZX75HP-2000

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5023G PCA-EPB5023G Datasheet
22Kb / 1P
High Pass Filter
logo
Mini-Circuits
RHP-122 MINI-RHP-122 Datasheet
452Kb / 1P
High Pass Filter
RHP-225 MINI-RHP-225 Datasheet
450Kb / 1P
High Pass Filter
RHP-250 MINI-RHP-250 Datasheet
452Kb / 1P
High Pass Filter
SCHF-17 MINI-SCHF-17 Datasheet
303Kb / 1P
High Pass Filter
SCHF-25 MINI-SCHF-25 Datasheet
259Kb / 1P
High Pass Filter
ZX75HP-180 MINI-ZX75HP-180 Datasheet
432Kb / 3P
High Pass Filter
THP-1050 MINI-THP-1050 Datasheet
486Kb / 3P
High Pass Filter
VHF-3100 MINI-VHF-3100 Datasheet
238Kb / 1P
High Pass Filter
ZHSS-8G MINI-ZHSS-8G Datasheet
487Kb / 3P
High Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com