Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX75HP-2000 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZX75HP-2000
Description  High Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75HP-2000 Datasheet(HTML) 2 Page - Mini-Circuits

  ZX75HP-2000 Datasheet HTML 1Page - Mini-Circuits ZX75HP-2000 Datasheet HTML 2Page - Mini-Circuits ZX75HP-2000 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Coaxial
ZX75HP-2000+
Applications
• Sub-harmonic rejection
• Transmitter/ Receiver
• Lab use
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
2 W.
Permanent damage may occur if any of these limits are exceeded.
REV.OR
M153317
ZX75HP-2000+
EDU2076/1
URJ
151031
Features
• Low insertion loss
• Sharp rejection
• Connectorized package
Typical Frequency Response
Functional Schematic
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
50Ω
2000 to 3000 MHz
High Pass Filter
F1
F2
FREQUENCY (MHz)
DC
F3
Typical Performance Data at 25°C
0
20
40
ZX75HP-2000+
INSERTION LOSS
0.3
0.6
0.9
2000
2500
3000
40
60
80
100
1.0
10.0
100.0
1000.0
10000.0
FREQUENCY (MHz)
2000
2500
3000
1000
10000
ZX75HP-2000+
VSWR
1
10
100
1.0
10.0
100.0
1000.0
10000.0
FREQUENCY (MHz)
1.00
1.15
1.30
2000 2500 3000
0
30
ZX75HP-2000+
INSERTION LOSS
60
90
120
0
1000
2000
3000
FREQUENCY (MHz)
100
1000
ZX75HP-2000+
VSWR
1
10
0
1000
2000
3000
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Stop Band
Rejection Loss
DC-F1
DC-1600
20
34.3
-
dB
VSWR
DC-F1
DC-1600
-
20
-
:1
Pass Band
Insertion Loss
F2-F3
2000-3000
-
0.9
2.0
dB
VSWR
F2-F3
2000-3000
-
1.4
2.32
:1
CASE STYLE: KE1467
Connectors
Model
SMA-M\F
ZX75HP-2000-S+
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
1.0
110.47
1737.18
10.0
82.72
3170.90
300.0
53.73
709.71
800.0
61.86
204.17
1000.0
60.00
134.62
1240.0
59.83
83.73
1450.0
52.61
53.28
1600.0
39.91
34.89
1650.0
30.24
28.97
1710.0
20.96
21.35
1860.0
3.21
2.90
1900.0
1.55
1.63
1950.0
0.95
1.20
2000.0
0.81
1.22
2200.0
0.57
1.07
2400.0
0.52
1.24
2500.0
0.50
1.25
2750.0
0.42
1.15
2900.0
0.40
1.10
3000.0
0.40
1.15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com