Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3388DR Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3388DR
Description  8 strings White LED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388DR Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3388DR Datasheet HTML 1Page - Monolithic Power Systems MP3388DR Datasheet HTML 2Page - Monolithic Power Systems MP3388DR Datasheet HTML 3Page - Monolithic Power Systems MP3388DR Datasheet HTML 4Page - Monolithic Power Systems MP3388DR Datasheet HTML 5Page - Monolithic Power Systems MP3388DR Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV3388DR-01A: 50V, 8-STRING, STEP-UP, WHITE LED DRIVER
EV3388DR-01A Rev.1.1
www.MonolithicPower.com
3
3/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV3388DR-01A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
4.7µF
Ceramic
Capacitor,
50V, X7R
1210
Murata
GRM32ER71H475KA88L
1
C2
NC
1210
1
C3
2.2µF
Ceramic
Capacitor,
50V, X7R
1210
TDK
C3225X7R1H225
1
C4
NC
1210
1
C5
68nF
Ceramic
Capacitor,
50V, X7R
0603
Murata
GRM188R71H683KA01D
4
C6,C8,
C9,C11
NC
0603
1
C7
0.47µF
Ceramic
Capacitor,
16V, X5R
0805
Murata
GRM21BR61C474KA88
1
C10
100pF
Ceramic
Capacitor,
50V, COG
0603
Murata
GRM1885C1H101JA01D
1
D1
Diode Schottky, 60V,
1A
SMA
Diodes Inc
DFLS160-F
1
F1
Fuse, 2.5A
1206
1
L1
10µH
Inductor,2.47A
SMD
Cooper
DR73-100
10µH
Inductor,2.5A
SMD
TDK
SLF10145T-100M2R5-H
1
M1
P- channel MOSFET
SO8
AM4499P
1
R1
324kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07324KL
3
R2,R5, R11
NC
0603
1
R3
10kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0710KL
2
R4,R6
20kΩ
Resistor, 5%
0603
Yageo
RC0603JR-0720KL
1
R7
60.4kΩ Resistor, 1%
0603
Yageo
RC0603FR-0760K4L
1
,R8
100kΩ
Resistor, 5%
0603
Yageo
RC0603JR-07100KL
2
R9,R10
2kΩ
Resistor, 5%
0603
Yageo
RC0603JR-072KL
8
R12~R19
0Ω
Resistor, 5%
0603
Yageo
RC0603JR-070RL
1
U1
LED Driver IC
QFN24
MPS
MP3388DR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com