Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3388DR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3388DR
Description  8 strings White LED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388DR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3388DR Datasheet HTML 1Page - Monolithic Power Systems MP3388DR Datasheet HTML 2Page - Monolithic Power Systems MP3388DR Datasheet HTML 3Page - Monolithic Power Systems MP3388DR Datasheet HTML 4Page - Monolithic Power Systems MP3388DR Datasheet HTML 5Page - Monolithic Power Systems MP3388DR Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV3388DR-01A
8 strings White LED Driver
Evaluation Board
This board can be used for MP3388S w/o external component change
EV3388DR-01A Rev.1.1
www.MonolithicPower.com
1
3/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3388DR-01A is an evaluation board for
the MP3388DR, a step-up converter designed
for large liquid-crystal displays that employ an
array of LEDs as the light source. It can drive
up to 8 strings in parallel and 10 LEDs per
string.
The MP3388 uses internal switch current mode,
fixed frequency architecture and includes
current ballast in each string terminal, which
achieves ±3% current regulation accuracy
between strings. Low feedback voltage at each
LED string help reduce power loss and improve
efficiency.
The MP3388 has multiple features to protect
the converter from fault conditions, including
under-voltage lockout, current limiting, over
voltage, short LED, open LED and thermal
shut-down protection.
The MP3388 is available in small QFN24
(4mmx 4mm),TSSOP28 and SOIC28 package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol Value
Units
Input Voltage
VIN
4.5 – 25
V
LEDs #
8 strings parallel and
10 LEDs each string
LED Current
/String
ILED
20
mA
FEATURES
• 4.5V to 25V Input Voltage Range
• Up to 89% Efficiency
• Programmable Over Voltage Protection
• Drives up to 8 Strings Parallel and 10 LEDs
in Series.
• ±3% Current Regulation Accuracy Between
Strings
• Selectable Switching Frequency: 1.25MHz
and 625kHz
• Open and Short LED Load Protection
• Thermal Shutdown
APPLICATIONS
• Notebook PC
• Small LCD TV
• Handy Terminals Display
• Automotive Systems and Tablet Computer
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive.
For MPS green status, please visit MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
EV3388DR-01A EVALUATION BOARD
(L x W x H) 5.7cm x 3.2cm x 1.0cm
Board Number
MPS IC Number
EV3388DR-01A
MP3388DR


Similar Part No. - MP3388DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3388DR MPS-MP3388DR Datasheet
342Kb / 14P
50V, 8-String White LED Driver
MP3388DR MPS-MP3388DR Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
More results

Similar Description - MP3388DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
4 strings 120mA White LED Driver Evaluation Board
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
EV3399EF-00A MPS-EV3399EF-00A Datasheet
261Kb / 5P
24 strings White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com