Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7720DS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7720DS
Description  20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7720DS Datasheet HTML 1Page - Monolithic Power Systems MP7720DS Datasheet HTML 2Page - Monolithic Power Systems MP7720DS Datasheet HTML 3Page - Monolithic Power Systems MP7720DS Datasheet HTML 4Page - Monolithic Power Systems MP7720DS Datasheet HTML 5Page - Monolithic Power Systems MP7720DS Datasheet HTML 6Page - Monolithic Power Systems MP7720DS Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EV7720DS-00A – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EV7720DS-00A Rev. 1.0
www.MonolithicPower.com
4
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
EV7720DS-00A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer P/N
2
R1, R2
20kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-0720KL
2
R3, R4
10kΩ
Resistor, 1%
0603
Yageo:
RC0603FR-0710KL
2
R5, R6
10kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-0710KL
2
R7, R11
10Ω
Resistor, 5%
0603
Yageo:
RC0603JR-0710RL
2
R8, R12
10Ω
Resistor, 5%
1206
Yageo:
RC1206JR-0710RL
4
R9, R201,
R202, R203,
R204,
100kΩ Resistor, 1%
0603
Yageo:
RC0603FR-07100KL
2
R10, R19
200kΩ Resistor, 5%
0603
Yageo:
RC0603JR-07200KL
2
R13, R14
24kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-0725RL
4
R15, R16,
R20, R21
560kΩ Resistor, 5%
0603
Yageo:
RC0603JR-07560KL
2
R17, R18
121kΩ Resistor, 1%
0603
Yageo:
RC0603FR-07120KL
2
R22, R24
110kΩ Resistor, 5%
0603
Any
2
R23, R25
150kΩ Resistor, 5%
0603
Any
1
R112
3kΩ
Resistor,5%
0603
Yageo:
RC0603JR-073KL
2
R113,R114
18kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-0718KL
1
SP1
Speaker Connector, Red and Black
Any
1
SW100
Switch slide, 12V, 0.1A
Any
1
TP1
Test Point
Any
2
U1, U2
SO8
MPS:
MP7720



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com