Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7720DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7720DS
Description  20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7720DS Datasheet HTML 1Page - Monolithic Power Systems MP7720DS Datasheet HTML 2Page - Monolithic Power Systems MP7720DS Datasheet HTML 3Page - Monolithic Power Systems MP7720DS Datasheet HTML 4Page - Monolithic Power Systems MP7720DS Datasheet HTML 5Page - Monolithic Power Systems MP7720DS Datasheet HTML 6Page - Monolithic Power Systems MP7720DS Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV7720DS-00A
20W Stereo Class D Single Ended
Audio Amplifier Evaluation Board
EV7720DS-00A Rev. 1.0
www.MonolithicPower.com
1
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV7720DS-00A is the evaluation board for
the MP7720, a mono 20W Class D Audio
Amplifier. It is one of MPS’ second generation
of fully integrated audio amplifiers which
dramatically reduces solution size by integrating
the following:
180mΩ power MOSFETs
Startup / Shutdown pop elimination
Short circuit protection circuits
Mute / Standby
The MP7720 utilizes a single ended output
structure with capacitor divider configuration
capable of delivering 20W into 4Ω speakers.
MPS Class D Audio Amplifiers exhibit the high
fidelity of a Class A/B amplifier at efficiencies
greater than 90%. The circuit is based on the
MPS’ AAMTM proprietary variable frequency
topology that delivers excellent PSRR, fast
response time and operates on a single power
supply.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply Voltage
VDD
24
V
FEATURES
• 20W Output at VDD = 24V into a 4Ω load
• No Supply Pumping
• THD+N = 0.08% at 1W, 8Ω
• 90% Efficiency at 20W
• Switching Frequency Up to 1MHz
• 9.5V to 24V Operation from a Single Supply
• Integrated Startup and Shutdown Pop
Elimination Circuit
• Thermal Protection
• Mute/Standby Modes (Sleep)
APPLICATIONS
• Surround Sound DVD Systems
• Televisions
• Flat Panel Monitors
• Multimedia Computers
• Home Stereo Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
EV7720DS-00A EVALUATION BOARD
Dimensions (2.4”X x 3.5”Y x 1.2”Z)
Board Number
MPS IC Number
EV7720DS-00A
MP7720DS
10
1
0.1
0.01
0.1
1
10
POWER (W)
THD+N vs
Output Power
VDD = 24V, f = 1KHz


Similar Part No. - MP7720DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7720DS MPS-MP7720DS Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
MP7720DS MPS-MP7720DS Datasheet
281Kb / 6P
Mini 20W Stereo Class D Single Ended Audio Amplifier
MP7720DS MPS-MP7720DS Datasheet
628Kb / 11P
150W Class D 5.1 Channel Audio Board
MP7720DS MPS-MP7720DS Datasheet
338Kb / 11P
20W Class D Mono Single Ended Audio Amplifer
More results

Similar Description - MP7720DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
EV0066 MPS-EV0066 Datasheet
281Kb / 6P
Mini 20W Stereo Class D Single Ended Audio Amplifier
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
20W Stereo Class D Single Ended Audio Amplifier
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
20W Class D Mono Single Ended Audio Amplifier
EV7722DF-02A MPS-EV7722DF-02A Datasheet
433Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7745DF-01A MPS-EV7745DF-01A Datasheet
284Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier EV Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
20W Stereo Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com