Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8613 Datasheet(PDF) 26 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology LT8613 Datasheet HTML 20Page - Linear Technology LT8613 Datasheet HTML 21Page - Linear Technology LT8613 Datasheet HTML 22Page - Linear Technology LT8613 Datasheet HTML 23Page - Linear Technology LT8613 Datasheet HTML 24Page - Linear Technology LT8613 Datasheet HTML 25Page - Linear Technology LT8613 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LT8619/LT8619-5
26
8619f
For more information www.linear.com/LT8619
LT 0118 • PRINTED IN USA
www.linear.com/LT8619
ANALOG DEVICES, INC. 2018
RELATED PARTS
TYPICAL APPLICATION
PART
DESCRIPTION
COMMENTS
LT8602
42V, Quad Output (2.5A + 1.5A + 1.5A + 1.5A) 95% Efficiency,
2.2MHz Synchronous Micropower Step-Down DC/DC
Converter with IQ = 25μA
VIN(MIN) = 3V, VIN(MAX) = 42V, VOUT(MIN) = 0.8V, IQ = 2.5μA,
ISD < 1μA, 6mm × 6mm QFN-40
LT8609/LT8609A
42V, 2A, 94% Efficiency, 2.2MHz Synchronous Micropower
Step-Down DC/DC Converter with IQ = 2.5μA
VIN(MIN) = 3V, VIN(MAX) = 42V, VOUT(MIN) = 0.8V, IQ = 2.5μA,
ISD < 1μA, MSOP-10E
LT8610
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous Micropower
Step- Down DC/DC Converter with IQ = 2.5μA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V, IQ = 2.5μA,
ISD < 1μA, MSOP-16E
LT8610A/LT8610AB 42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous Micropower
Step- Down DC/DC Converter with IQ = 2.5μA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V, IQ = 2.5μA,
ISD < 1μA, MSOP-16E
LT8610AC
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous Micropower
Step- Down DC/DC Converter with IQ = 2.5μA
VIN(MIN) = 3V, VIN(MAX) = 42V, VOUT(MIN) = 0.8V, IQ = 2.5μA,
ISD < 1μA, MSOP-16E
LT8611
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous Micropower
Step- Down DC/DC Converter with IQ = 2.5μA and Input/Output
Current Limit/Monitor
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V, IQ = 2.5μA,
ISD < 1μA, 3mm × 5mm QFN-24
LT8612
42V, 6A, 96% Efficiency, 2.2MHz Synchronous Micropower
Step-Down DC/DC Converter with IQ = 2.5μA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V, IQ = 3.0μA,
ISD < 1μA, 3mm × 6mm QFN-28
LT8613
42V, 6A, 96% Efficiency, 2.2MHz Synchronous Micropower
Step- Down DC/DC Converter with Current Limiting
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V, IQ = 3.0μA,
ISD < 1μA, 3mm × 6mm QFN-28
LT8614
42V, 4A, 96% Efficiency, 2.2MHz Synchronous Silent Switcher
Step- Down DC/DC Converter with IQ = 2.5μA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V, IQ = 2.5μA,
ISD < 1μA, 3mm × 4mm QFN-18
LT8616
42V, Dual 2.5A + 1.5A, 95% Efficiency, 2.2MHz Synchronous
Micropower Step-Down DC/DC Converter with IQ = 5μA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.8V, IQ = 5μA,
ISD < 1μA, TSSOP-28E, 3mm × 6mm QFN-28
LT8620
65V, 2.5A, 94% Efficiency, 2.2MHz Synchronous Micropower
Step- Down DC/DC Converter with IQ = 2.5μA
VIN(MIN) = 3.4V, VIN(MAX) = 65V, VOUT(MIN) = 0.97V, IQ = 2.5μA,
ISD < 1μA, MSOP-16E, 3mm × 5mm QFN-24
LT8640/LT8640-1
42V, 5A, 96% Efficiency, 3MHz Synchronous Micropower
Step-Down DC/DC Converter with IQ = 2.5μA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V, IQ = 2.5μA,
ISD < 1μA, 3mm × 4mm QFN-18
Ultralow EMI 5V 2MHz Step-Down Converter
LT8619-5
4.7µH
LIN
4.7µH
FB1
BEAD
20k
0.1µF
22µF
8619 TA06
4.7µF
VIN
6V TO 36V
(60V TRANSIENT)
VOUT
5V
1.2A
BST
SW
PG
BIAS
OUT
GND
SYNC
RT
4.7µF
4.7µF
PG
100k
OFF ON
1µF
INTVCC
VIN
EN/UV
FB1 = TDK MPZ2012S221A
LIN = XFL4020
L = VISHAY IHLP-2020BZ-01
COUT = TDK C3225X7R1C226K250
fOSC = 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com