Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8613 Datasheet(PDF) 4 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 4 Page - Linear Technology

  LT8613 Datasheet HTML 1Page - Linear Technology LT8613 Datasheet HTML 2Page - Linear Technology LT8613 Datasheet HTML 3Page - Linear Technology LT8613 Datasheet HTML 4Page - Linear Technology LT8613 Datasheet HTML 5Page - Linear Technology LT8613 Datasheet HTML 6Page - Linear Technology LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT8619/LT8619-5
4
8619f
For more information www.linear.com/LT8619
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VEN/UV = 2V unless otherwise noted (Notes 2, 3)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All Voltages are referenced to ground unless otherwise
specified.
Note 3: The LT8619 is tested under pulse load conditions such that
TJ ≈ TA. The LT8619E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT8619I is guaranteed over the full –40°C to 125°C operating junction
temperature range. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated at junction temperatures greater
than 125°C.
Note 4: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch, Logic and Power Good
Top Switch On-Resistance
ILOAD = 0.1A
0.45
Ω
Bottom Switch On-Resistance
ILOAD = 0.1A
0.22
Ω
EN/UV Power-On Threshold
EN/UV Rising
l
0.94
1.0
1.1
V
EN/UV Power-On Hysteresis
40
mV
EN/UV Shutdown Threshold
EN/UV Falling
l
0.34
0.56
0.92
V
EN/UV Pin Current
VEN/UV = 2V
–100
100
nA
Overvoltage Threshold
VFB Rising Wrt. Regulated VFB
3.75
%
Positive Power Good Threshold
VFB Rising Wrt. Regulated VFB
l
5
7.5
10
%
Negative Power Good Threshold
VFB Falling Wrt. Regulated VFB
l
–5
–7.5
–10
%
Positive Power Good Delay
VFB = 0.8V ↑ 0.9V to PG Low
VFB = 0.9V ↓ 0.8V to PG High
60
35
µs
µs
Negative Power Good Delay
VFB = 0.8V ↓ 0.7V to PG Low
VFB = 0.7V ↑ 0.8V to PG High
60
35
µs
µs
PG Leakage
VPG = 3.3V, Power Good
±100
nA
PG VOL
IPG = 100µA
l
0.01
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com