Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4677 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4677
Description  PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 14Page - Linear Technology LTM4677 Datasheet HTML 15Page - Linear Technology LTM4677 Datasheet HTML 16Page - Linear Technology LTM4677 Datasheet HTML 17Page - Linear Technology LTM4677 Datasheet HTML 18Page - Linear Technology LTM4677 Datasheet HTML 19Page - Linear Technology LTM4677 Datasheet HTML 20Page - Linear Technology LTM4677 Datasheet HTML 21Page - Linear Technology LTM4677 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC3874-1
22
38741f
For more information www.linear.com/LTC3874-1
LT 0917 • PRINTED IN USA
www.linear.com/LTC3874-1
LINEAR TECHNOLOGY CORPORATION 2017
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LTM4676A
Dual 13A or Single 26A Step-Down DC/DC µModule® Regulator
with Digital Power System Management
4.5V ≤ VIN ≤17V; 0.5V ≤ VOUT (±0.5%) ≤ 5.5V, I2C/PMBus Interface,
16mm × 16mm × 5mm, BGA Package
LTM4675
Dual 9A or Single 18A μModule Regulator with Digital Power
System Management
4.5V ≤ VIN ≤17V; 0.5V ≤ VOUT (±0.5%) ≤ 5.5V, I2C/PMBus Interface,
11.9mm × 16mm × 5mm, BGA Package
LTM4677
Dual 18A or Single 36A μModule Regulator with Digital Power
System Management
4.5V ≤ VIN ≤16V; 0.5V ≤ VOUT (±0.5%) ≤ 1.8V, I2C/PMBus Interface,
16mm × 16mm × 5.01mm, BGA Package
LTC3884/
LTC3884-1
Dual Output Multiphase Step-Down Controller with Sub mΩ
DCR Sensing Current Mode Control and Digital Power System
Management
4.5V ≤ VIN ≤ 38V, 0.5V ≤ VOUT (±0.5%) ≤ 5.5V, 70ms Start-Up, I2C/
PMBus Interface, Programmable Analog Loop Compensation, Input
Current Sense
LTC3887/
LTC3887-1
Dual Output Multiphase Step-Down DC/DC Controller with
Digital Power System Management, 70ms Start-Up
4.5V ≤ VIN ≤ 24V, 0.5V ≤ VOUT0,1 (±0.5%) ≤ 5.5V, 70ms Start-Up, I2C/
PMBus Interface, -1 Version Uses DrMOS or Power Blocks
LTC3882/
LTC3882-1
Dual Output Multiphase Step-Down DC/DC Voltage Mode
Controller with Digital Power System Management
3V ≤ VIN ≤ 38V, 0.5V ≤ VOUT1,2 ≤ 5.25V, ±0.5% VOUT Accuracy I2C/
PMBus Interface, Uses DrMOS or Power Blocks
LTC3866
Single Output Current Mode Synchronous Step-Down
Controller with Sub-Milliohm DCR Sensing
4.5V ≤ VIN ≤ 38V, 0.6V ≤ VOUT ≤ 3.5V, with Remote VOUT Sense, 4mm
× 4mm, QFN-24, TSSOP-24 Packages
LTC3883/
LTC3883-1
Single Phase Step-Down DC/DC Controller with Digital Power
System Management
VIN Up to 24V, 0.5V ≤ VOUT ≤ 5.5V, Input Current Sense Amplifier, I2C/
PMBus Interface with EEPROM and 16-Bit ADC, ±0.5% VOUT Accuracy
LTC3875
Dual, Multiphase Current Mode Synchronous Step-Down
Controller with Sub-Milliohm DCR Sensing, Up to 12 Phases
4.5V ≤ VIN ≤ 38V, 0.6V ≤ VOUT ≤ 3.5V, with Remote Sense
LTC3774
Dual, Multiphase Current Mode Synchronous Step-Down
Controller with Sub-Milliohm DCR Sensing, Up to 12 Phases
VIN Up to 40V, 0.6V ≤ VOUT ≤ 3.5V, Very High Output Current
Applications with Accurate Current Share Between Phases
Supporting LTC3880/-1, LTC3883/-1, LTC3886, LTC3887/-1
LTC3877
Dual Phase Step-Down Synchronous Controller with 6-Bit VID
Output Voltage Programming and Low Value DCR Sensing
4.5V ≤ VIN ≤ 38V, 0.6V ≤ VOUT ≤ 1.23V with VID in 10mV Steps, 0.6V ≤
VOUT ≤ 5V without VID, Up to 12-Phase Operation
High Efficiency Dual 1.0V/1.5V Step-Down Converter
PWM0
PWM1
LTC3874-1
INTVCC
0.22µF
VCC0
VCC1
PHASMD
LDWDCR
ILIM
FREQ
GND
RUN0
SYNC
RUN1
FAULT0
FAULT1
RUN0
649
(0.29m DCR)
0.215µH
(0.29m DCR)
0.215µH
FAULT0
FAULT1
RUN1
SYNC
REFER TO LTC3884-1 DATA SHEET
FOR MASTER SETUP
PIN NOT USED IN THIS CIRCUIT: EXTVCC
ITH0
ITH1
VSENSE0+
1V
1.5V
VOUT1
100µF
×3
100µF
×3
470µF
×2
VOUT0
1V
60A
470µF
×2
LTC3884-1
ISENSE0+
ISENSE0–
ISENSE1+
ISENSE1–
ITH0
ITH1
VSENSE1+
VIN
7V TO 14V
VOUT1
1.5V
60A
VIN
PGOOD0
PGOOD1
MODE0
MODE1
3874 TA02
100k
DrMOS
DrMOS
0.22µF
4.7µF
649
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com