Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4677 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4677
Description  PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 3 Page - Linear Technology

  LTM4677 Datasheet HTML 1Page - Linear Technology LTM4677 Datasheet HTML 2Page - Linear Technology LTM4677 Datasheet HTML 3Page - Linear Technology LTM4677 Datasheet HTML 4Page - Linear Technology LTM4677 Datasheet HTML 5Page - Linear Technology LTM4677 Datasheet HTML 6Page - Linear Technology LTM4677 Datasheet HTML 7Page - Linear Technology LTM4677 Datasheet HTML 8Page - Linear Technology LTM4677 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC3874-1
3
38741f
For more information www.linear/LTC3874-1
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
4.5
38
V
VOUT
Output Voltage Range
LOWDCR = INTVCC (Note 3)
LOWDCR = 0V
3.5
5.5
V
V
IQ
Input DC Supply Current
Normal Operation
Shutdown
VRUN0,1 = 3.3V
VRUN0,1 = 0V
4.6
1.8
mA
mA
VUVLO
Undervoltage Lockout Threshold
VINTVCC Falling
VINTVCC Rising
3.5
3.8
V
V
Control Loop
IISENSE0,1
ISENSE Pins Bias Current
VISENSE0,1 < (VINTVCC – 3.3V)
VISENSE0,1 > (VINTVCC – 3.3V)
l
±0.15
±1
±0.4
±3
µA
µA
VISENSE(MAX) Maximum Current Sense Threshold
(Table 3)
ILIM = INTVCC, LOWDCR = INTVCC,
VISENSE0,1 = 1.2V, VITH = 2.18V
l
26.8
28.8
30.8
mV
ILIM = 0V, LOWDCR = INTVCC,
VISENSE0,1 = 1.2V, VITH = 2.18V
l
14.5
16
17.5
mV
ILIM = INTVCC, LOWDCR = 0V,
VISENSE0,1 = 1.2V, VITH = 2.18V
l
65
72
79
mV
ILIM = 0V, LOWDCR = 0V,
VISENSE0,1 = 1.2V, VITH = 2.18V
l
33
40
47
mV
PWM Outputs
PWM
PWM Output High Voltage
PWM Output Low Voltage
PWM Output Current in Hi-Z State
ILOAD = 500µA
ILOAD = –500µA
l
l
VCC – 0.2
–5
0.2
5
V
V
µA
tON(MIN)
Minimum On-Time
(Note 4)
60
ns
INTVCC Regulator
VINTVCC
Internal VCC Voltage No Load
6V < VIN < 38V
5.25
5.5
5.75
V
VLDO INT
INTVCC Load Regulation
ICC = 0mA to 20mA
0.5
2
%
VEXTVCC
EXTVCC Switchover Voltage
VEXTVCC Ramping Positive (Note 5)
l
4.5
4.7
V
VLDO EXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V
50
100
mV
VLDOHYS
EXTVCC Hysteresis
300
mV
Oscillator and Phase-Locked Loop
fRANGE
PLL SYNC Range
l
250
1000
kHz
fNOM
Nominal Frequency
VFREQ = 0.9V
500
kHz
IFREQ
Frequency Setting Current
9
10
11
µA
θ SYNC- θ0
SYNC to Ch0 Phase Relationship Based on
the Falling Edge of SYNC and Rising Edge of
PWM0
PHASMD = 0
PHASMD = 1/3 • INTVCC
PHASMD = 2/3 • INTVCC
PHASMD = INTVCC
180
60
120
90
Deg
Deg
Deg
Deg
θ SYNC- θ1
SYNC to Ch1 Phase Relationship Based on
the Falling Edge of SYNC and Rising Edge of
PWM1
PHASMD = 0
PHASMD = 1/3 • INTVCC
PHASMD = 2/3 • INTVCC
PHASMD = INTVCC
0
300
240
270
Deg
Deg
Deg
Deg
Digital Inputs RUN0, RUN1, MODE0, MODE1, FAULT0, FAULT1, LOWDCR
VIH
Input High Threshold Voltage
l
2.0
V
VIL
Input Low Threshold Voltage
l
1.4
V
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VRUN0,1 = 3.3V unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com