Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4675 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 3 Page - Linear Technology

  LTM4675 Datasheet HTML 1Page - Linear Technology LTM4675 Datasheet HTML 2Page - Linear Technology LTM4675 Datasheet HTML 3Page - Linear Technology LTM4675 Datasheet HTML 4Page - Linear Technology LTM4675 Datasheet HTML 5Page - Linear Technology LTM4675 Datasheet HTML 6Page - Linear Technology LTM4675 Datasheet HTML 7Page - Linear Technology LTM4675 Datasheet HTML 8Page - Linear Technology LTM4675 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
LTC3884/LTC3884-1
3
3884fe
For more information www.linear.com/LTC3884
TABLE OF CONTENTS
Fault Indication .......................................................55
Open-Drain Pins .....................................................55
Phase-Locked Loop and Frequency
Synchronization .....................................................56
Minimum On-Time Considerations..........................56
External Temperature Sense...................................57
Input Current Sense Amplifier.................................58
External Resistor Configuration Pins (RCONFIG)....58
Voltage Selection................................................59
Frequency Selection ...........................................59
Phase Selection..................................................60
Address Selection Using RCONFIG.....................60
Efficiency Considerations .......................................61
Programmable Loop Compensation .......................62
Checking Transient Response.................................63
PolyPhase Configuration ....................................64
Master Slave Operation ......................................64
PC Board Layout Checklist .....................................67
PC Board Layout Debugging...................................67
Design Example......................................................68
Additional Design Checks .......................................69
Connecting the USB to I2C/SMBus/PMBus
Controller to the LTC3884 in System......................69
LTpowerPlay: An Interactive GUI for
Digital Power ..........................................................70
PMBus Communication and Command
Processing..............................................................70
PMBus Command Details ...............................73
Addressing and Write Protect.................................73
General Configuration Commands..........................75
On/Off/Margin ........................................................76
PWM Configuration ................................................78
Voltage....................................................................81
Input Voltage and Limits.....................................81
Output Voltage and Limits..................................82
Output Current and Limits ......................................85
Input Current and Limits ....................................87
Temperature............................................................88
External Temperature Calibration........................88
Timing ....................................................................89
Timing—On Sequence/Ramp.............................89
Timing—Off Sequence/Ramp ............................90
Precondition for Restart .....................................91
Fault Response .......................................................91
Fault Responses All Faults..................................91
Fault Responses Input Voltage ...........................92
Fault Responses Output Voltage.........................92
Fault Responses Output Current.........................95
Fault Responses IC Temperature ........................96
Fault Responses External Temperature...............97
Fault Sharing...........................................................98
Fault Sharing Propagation ..................................98
Fault Sharing Response.................................... 100
Scratchpad ........................................................... 100
Identification......................................................... 101
Fault Warning and Status...................................... 102
Telemetry.............................................................. 109
NVM Memory Commands .................................... 113
Store/Restore ................................................... 113
Fault Log Operation .......................................... 114
Fault Logging.................................................... 114
Block Memory Write/Read................................ 118
Typical Applications .................................... 119
Package Description ................................... 125
Revision History ........................................ 127
Typical Application ..................................... 128
Related Parts ............................................ 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com