Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8705 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8705 Datasheet HTML 10Page - Linear Technology LT8705 Datasheet HTML 11Page - Linear Technology LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology LT8705 Datasheet HTML 14Page - Linear Technology LT8705 Datasheet HTML 15Page - Linear Technology LT8705 Datasheet HTML 16Page - Linear Technology LT8705 Datasheet HTML 17Page - Linear Technology LT8705 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
LTC7813
14
7813f
For more information www.linear.com/LTC7813
operaTion
Main Control Loop
The LTC7813 uses a constant frequency, current mode
control architecture. Channel 1 is a buck (step-down)
controller, and channel 2 is a boost (step-up) controller.
During normal operation, the external top MOSFET for
the buck channel (the external bottom MOSFET for the
boost controller) is turned on when the clock for that
channel sets the RS latch, and is turned off when the
main current comparator, ICMP, resets the RS latch. The
peak inductor current at which ICMP trips and resets the
latch is controlled by the voltage on the ITH pin, which is
the output of the error amplifier, EA. The error amplifier
compares the output voltage feedback signal at the VFB
pin (which is generated with an external resistor divider
connected across the output voltage, VOUT, to ground)
to the internal 0.800V reference voltage (1.2V reference
voltage for the boost). When the load current increases,
it causes a slight decrease in VFB relative to the reference,
which causes the EA to increase the ITH voltage until the
average inductor current matches the new load current.
After the top MOSFET for the buck (the bottom MOSFET for
the boost) is turned off each cycle, the bottom MOSFET is
turned on (the top MOSFET for the boost) until either the
inductor current starts to reverse, as indicated by the cur-
rent comparator IR, or the beginning of the next clock cycle.
DRVCC/EXTVCC/INTVCC Power
Power for the top and bottom MOSFET drivers is derived
from the DRVCC pin. The DRVCC supply voltage can be
programmed from 5V to 10V through control of the
DRVSET pin. When the EXTVCC pin is tied to a voltage
below its switchover voltage (4.7V or 7.7V depending
on the DRVUV voltage), the VBIAS LDO (low dropout
linear regulator) supplies power from VBIAS to DRVCC. If
EXTVCC is taken above its switchover voltage, the VBIAS
LDO is turned off and an EXTVCC LDO is turned on. Once
enabled, the EXTVCC LDO supplies power from EXTVCC
to DRVCC. Using the EXTVCC pin allows the DRVCC power
to be derived from a high efficiency external source such
as the LTC7813 buck regulator output.
Each top MOSFET driver is biased from the floating boot-
strap capacitor, CB,whichnormallyrechargesduringeach
cycle through an internal switch whenever SW goes low.
For buck channel 1, if the input voltage decreases to a
voltage close to its output, the loop may enter dropout
and attempt to turn on the top MOSFET continuously. The
dropoutdetectordetectsthisandforcesthetopMOSFEToff
for about one-twelfth of the clock period every tenth cycle
to allow CB to recharge, resulting in about 99% duty cycle.
TheINTVCCsupplypowersmostoftheotherinternalcircuits
in the LTC7813. The INTVCC LDO regulates to a fixed value
of 5V and its power is derived from the DRVCC supply.
Shutdown and Start-Up (RUN, TRACK/SS Pins)
The two channels of the LTC7813 can be independently
shut down using the RUN1 and RUN2 pins. Pulling a RUN
pin below 1.22V shuts down the main control loop for
that channel. Pulling both pins below 0.7V disables both
controllers and most internal circuits, including the DRVCC
and INTVCC LDOs. In this state, the LTC7813 draws only
3.6μA of quiescent current.
Releasing a RUN pin allows a small 150nA internal current
to pull up the pin to enable that controller. Each RUN pin
maybeexternallypulledupordrivendirectlybylogic. Each
RUN pin can tolerate up to 65V (absolute maximum), so it
can be conveniently tied to VBIASinalways-onapplications
where one or both controllers are enabled continuously
and never shut down.
The start-up of each controller’s output voltage VOUT
is controlled by the voltage on the TRACK/SS pin
(TRACK/SS1 for channel 1, SS2 for channel 2). When the
voltage on the TRACK/SS pin is less than the 0.8V internal
reference for the buck and the 1.2V internal reference for
the boost, the LTC7813 regulates the VFB voltage to the
TRACK/SS pin voltage instead of the corresponding refer-
ence voltage. This allows the TRACK/SS pin to be used to
program a soft-start by connecting an external capacitor
from the TRACK/SS pin to GND. An internal 10μA pull-up
current charges this capacitor creating a voltage ramp on
the TRACK/SS pin. As the TRACK/SS voltage rises linearly
from 0V to 0.8V/1.2V (and beyond up to about 4V), the
output voltage VOUT rises smoothly from zero (VIN for the
boost) to its final value.
(Refer to the Functional Diagrams)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com