Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8705 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 2 Page - Linear Technology

  LT8705 Datasheet HTML 1Page - Linear Technology LT8705 Datasheet HTML 2Page - Linear Technology LT8705 Datasheet HTML 3Page - Linear Technology LT8705 Datasheet HTML 4Page - Linear Technology LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LTC7813
2
7813f
For more information www.linear.com/LTC7813
pin conFiguraTion
absoluTe MaxiMuM raTings
Bias Input Supply Voltage (VBIAS).............. –0.3V to 65V
Topside Driver Voltages
BOOST1, BOOST2.................................. –0.3V to 76V
Switch Voltage (SW1, SW2).......................... –5V to 70V
DRVCC, (BOOST1-SW1), (BOOST2-SW2)....–0.3V to 11V
BG1, BG2, TG1, TG2........................................... (Note 8)
RUN1, RUN2 Voltages................................ –0.3V to 65V
SENSE1+, SENSE2+, SENSE1–
SENSE2– Voltages ..................................... –0.3V to 65V
PLLIN/MODE, FREQ, DRVSET Voltages....... –0.3V to 6V
EXTVCC Voltage ......................................... –0.3V to 14V
ITH1, ITH2, VFB1 Voltages............................ –0.3V to 6V
VFB2 Voltage............................................... –0.3V to 65V
VPRG2 Voltage ............................................ –0.3V to 6V
TRACK/SS1, SS2 Voltages........................... –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3)
LTC7813E, LTC7813I.......................... –40°C to 125°C
LTC7813H .......................................... –40°C to 150°C
LTC7813MP ....................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
32
33
GND
31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
SW1
TG1
TRACK/SS1
VPRG2
ITH1
VFB1
SENSE1+
SENSE1–
DRVCC
SS2
DRVSET
DRVUV
ITH2
VFB2
ILIM
RUN2
TJMAX = 150°C, θJA = 44°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7813EUH#PBF
LTC7813EUH#TRPBF
7813
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC7813IUH#PBF
LTC7813IUH#TRPBF
7813
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC7813HUH#PBF
LTC7813HUH#TRPBF
7813
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 150°C
LTC7813MPUH#PBF
LTC7813MPUH#TRPBF
7813
32-Lead (5mm × 5mm) Plastic QFN
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com