Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3L02DQ Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS3L02DQ
Description  INERTIAL SENSOR: 3Axis - 2g DIGITAL OUTPUT LINEAR ACCELEROMETER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02DQ Datasheet(HTML) 1 Page - STMicroelectronics

  LIS3L02DQ Datasheet HTML 1Page - STMicroelectronics LIS3L02DQ Datasheet HTML 2Page - STMicroelectronics LIS3L02DQ Datasheet HTML 3Page - STMicroelectronics LIS3L02DQ Datasheet HTML 4Page - STMicroelectronics LIS3L02DQ Datasheet HTML 5Page - STMicroelectronics LIS3L02DQ Datasheet HTML 6Page - STMicroelectronics LIS3L02DQ Datasheet HTML 7Page - STMicroelectronics LIS3L02DQ Datasheet HTML 8Page - STMicroelectronics LIS3L02DQ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
LIS3L02DQ
January 2005
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
1
FEATURES
■ 2.7V TO 3.6V SINGLE SUPPLY OPERATION
■ 1.8V COMPATIBLE IOs
■ I
2C/SPI DIGITAL OUTPUT INTERFACES
■ MOTION ACTIVATED INTERRUPT SOURCE
■ FACTORY TRIMMED DEVICE SENSITIVITY
AND OFFSET
■ EMBEDDED SELF TEST
■ HIGH SHOCK SURVIVABILITY
2
DESCRIPTION
The LIS3L02DQ is a tri-axis digital output linear
accelerometer that includes a sensing element
and an IC interface able to take the information
from the sensing element and to provide the mea-
sured acceleration signals to the external world
through an I2C/SPI serial interface.
The sensing element, capable to detect the accel-
eration, is manufactured using a dedicated pro-
cess called THELMA (Thick Epi-Poly Layer for
Microactuators and Accelerometers) developed
by ST to produce inertial sensors and actuators in
silicon.
The IC interface instead is manufactured using a
CMOS process that allows high level of integration
to design a dedicated circuit which is factory
trimmed to better match the sensing element char-
acteristics.
The LIS3L02DQ is capable of measuring acceler-
ations over a maximum bandwidth of 2.0 KHz for
the X, Y axis and Z axis. The device bandwidth
may be selected accordingly to the application re-
quirements. A self-test capability allows the user to
check the functioning of the system.
The device may be configured to generate an iner-
tial wake-up/interrupt signal when a programma-
ble acceleration threshold is exceeded along one
of the three axis.
The LIS3L02DQ is available in plastic SMD pack-
age and it is specified over a temperature range
extending from -20°C to +70°C.
The LIS3L02DQ belongs to a family of products
suitable for a variety of applications:
– Motion activated functions in mobile terminals
– Antitheft systems and Inertial navigation
– Gaming and Virtual Reality input devices
– Vibration Monitoring and Compensation
PRELIMINARY DATA
INERTIAL SENSOR:
3Axis - 2g DIGITAL OUTPUT LINEAR ACCELEROMETER
Figure 2. Block Diagram
Σ∆
CHARGE
AMPLIFIER
MUX
S1Y
S1Z
S2Y
S2Z
Regs
VOLTAGE & CURRENT
REFERENCE
TRIMMING CIRCUIT
&
CLOCK
&
PHASE GENERATOR
TEST INTERFACE
rot
S1X
S2X
DE
MUX
Reconstruction
Filter
Σ∆
Σ∆
Array
I2C
SPI
CS
SCL/SPC
SDA/SDIO
SDO
CONTROL LOGIC
&
INTERRUPT GEN.
RDY/INT
Reconstruction
Filter
Reconstruction
Filter
Figure 1. Package
Table 1. Order Codes
Part Number
Package
LIS3L02DQ
QFN-44
QFN-44
Rev. 3


Similar Part No. - LIS3L02DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS3L02ALTR STMICROELECTRONICS-LIS3L02ALTR Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
126Kb / 7P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
Rev. 4
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
162Kb / 9P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
November 2004 Rev. 4
LIS3L02AQ3 STMICROELECTRONICS-LIS3L02AQ3 Datasheet
258Kb / 13P
MEMS INERTIAL SENSOR: 3-Axis - ®g/®g LINEAR ACCELEROMETER
May-2005
More results

Similar Description - LIS3L02DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ Datasheet
120Kb / 6P
INERTIAL SENSOR: 2Axis - 2g/6g LINEAR ACCELEROMETER
Dec-2002
LIS2L02AS STMICROELECTRONICS-LIS2L02AS Datasheet
84Kb / 6P
INERTIAL SENSOR: 2Axis - 2g/6g LINEAR ACCELEROMETER
Dec-2002
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
126Kb / 7P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
Rev. 4
LIS3L02AS STMICROELECTRONICS-LIS3L02AS Datasheet
80Kb / 7P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
Feb-2003
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
162Kb / 9P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
November 2004 Rev. 4
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
07-Oct-2005
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
26-Sep-2005
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ_04 Datasheet
168Kb / 9P
INERTIAL SENSOR-2Axis - 2g/6g LINEAR ACCELEROMETER
Nov-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com