Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3L02DQ Datasheet(PDF) 14 Page - STMicroelectronics

Part # LIS3L02DQ
Description  INERTIAL SENSOR: 3Axis - 2g DIGITAL OUTPUT LINEAR ACCELEROMETER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02DQ Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LIS3L02DQ Datasheet HTML 10Page - STMicroelectronics LIS3L02DQ Datasheet HTML 11Page - STMicroelectronics LIS3L02DQ Datasheet HTML 12Page - STMicroelectronics LIS3L02DQ Datasheet HTML 13Page - STMicroelectronics LIS3L02DQ Datasheet HTML 14Page - STMicroelectronics LIS3L02DQ Datasheet HTML 15Page - STMicroelectronics LIS3L02DQ Datasheet HTML 16Page - STMicroelectronics LIS3L02DQ Datasheet HTML 17Page - STMicroelectronics LIS3L02DQ Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
LIS3L02DQ
14/19
6.9 WAKE_UP_CFG (23h)
6.10 WAKE_UP_SOURCE (24h)
6.11 WAKE_UP_ACK (25h)
Reading at this address resets the WAKE_UP_SOURCE register.
AOI
LIR
MZH
MZL
MYH
MYL
MXH
MXL
AOI
And/Or combination of Interrupt events
(0: OR combination of interrupt events; 1: AND combination of interrupt events)
LIR
Latch interrupt request
(1: interrupt request latched)
MZH
Mask Z High Interrupt
(1: enable int req on measured accel. value higher than preset threshold)
MZL
Mask Z Low Interrupt
(1: enable int req on measured accel. value lower than preset threshold)
MYH
Mask Y High Interrupt
(1: enable int req on measured accel. value higher than preset threshold)
MYL
Mask Y Low Interrupt
(1: enable int req on measured accel. value lower than preset threshold)
MXH
Mask X High Interrupt
(1: enable int req on measured accel. value higher than preset threshold)
MXL
Mask X Low Interrupt
(1: enable int req on measured accel. value lower than preset threshold)
xIA
ZH
ZL
YH
YL
XH
XL
IA
Interrupt Active
MZH
Z High
MZL
Z Low
MYH
Y High
MYL
Y Low
MXH
X High
MXL
X Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com