Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2501 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2501
Description  Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2501 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2501 Datasheet HTML 2Page - National Semiconductor (TI) LM2501 Datasheet HTML 3Page - National Semiconductor (TI) LM2501 Datasheet HTML 4Page - National Semiconductor (TI) LM2501 Datasheet HTML 5Page - National Semiconductor (TI) LM2501 Datasheet HTML 6Page - National Semiconductor (TI) LM2501 Datasheet HTML 7Page - National Semiconductor (TI) LM2501 Datasheet HTML 8Page - National Semiconductor (TI) LM2501 Datasheet HTML 9Page - National Semiconductor (TI) LM2501 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Input Timing Requirements
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
REFERENCE CLOCK (WCLK
IN)
f
WC
Clock Frequency
4
28
MHz
WC
DC
Clock Duty Cycle
45
50
55
%
t
T
Clock Transition Times
(Rise or Fall, 10%–90%)
16
ns
PIXEL CLOCK (PCLK)
f
PCLK
Clock Frequency
4
16
MHz
t
CP
Clock Period
62.5
250
ns
CLK
DC
Clock Duty Cycle
45
50
55
%
t
T
Clock transition Time
1
6
ns
Note 1: “Absolute Maximum Ratings“ are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VDD =VDDA = 3.0V and VDDIO = 2.7V and TA = 25˚C.
Note 3: Current into a device pin is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to Ground unless otherwise
specified.
Timing Diagrams
20091610
FIGURE 1. Serial Data Valid
20091611
FIGURE 2. Parallel Set, Hold and Data Valid
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com