Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3045 Datasheet(PDF) 25 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT3045 Datasheet HTML 21Page - Linear Technology LT3045 Datasheet HTML 22Page - Linear Technology LT3045 Datasheet HTML 23Page - Linear Technology LT3045 Datasheet HTML 24Page - Linear Technology LT3045 Datasheet HTML 25Page - Linear Technology LT3045 Datasheet HTML 26Page - Linear Technology LT3045 Datasheet HTML 27Page - Linear Technology LT3045 Datasheet HTML 28Page - Linear Technology LT3045 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
LT3045-1
25
30451fa
For more information www.linear.com/LT3045-1
APPLICATIONS INFORMATION
can be seen, when the LDO is disabled, the LDO input volt-
age goes to the maximum input voltage set by the resistor
divider on the VIOC pin. Figure 13 shows the load step
response of the LT8608 using the VIOC buffer. Figure 14
shows the LDO’s input and output voltage response to
stepping the set pin from 3V to 4V. Figure 15 shows the
LDO’s output and input voltage while ramping the SET
pin from 0V to 10V, and as can be seen, the LT8608’s
output voltage tracks the LT3045’s output voltage when
it is greater than 1.5V. Lastly, Figure 16 shows the noise
spectral density at the LT3045-1 input and output.
Figure 12. LT3045-1 EN/UV Pulse
VEN/UV
LDOIN
LDOOUT
RSET = 33.2kΩ
RL = 6.6Ω
VIN LT8608 = 20V
500ms/DIV
0V
1V/DIV
5V/DIV
0V
30451 F12
Figure 13. Load Step Response Using the VIOC Buffer
ILOAD
LDOIN (ac)
LDOOUT (ac)
RSET = 33.2kΩ
ILOAD = 10mA to 500mA
200µs/DIV
0mA
500mA/DIV
100mV/DIV
50mV/DIV
30451 F13
Figure 14. Stepping VSET from 3V to 4V (and Back to 3V)
VSET
LDOIN
LDOOUT
VSET = 3V TO 4V
IL = 500mA
1ms/DIV
0V
1V/DIV
30451 F14
VSET AND LDOOUT ARE OVERLAID
Figure 15. Ramping VSET from 0V to 10V (and Back to 0V)
VSET
LDOOUT
LDOIN
IL = 500mA
5ms/DIV
2V/DIV
0V
30451 F15
VSET AND LDOOUT ARE OVERLAID
Figure 16. LT3045-1’s Input and Output Noise Spectral Density
LDOIN = 4.3V
LDOOUT = 3.3V
ILOAD = 500mA
LDOOUT
LDOIN
Noise Floor
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.01
0.1
1
10
100
1000
30451 F16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com