Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3045 Datasheet(PDF) 31 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 31 Page - Linear Technology

Back Button LT3045 Datasheet HTML 27Page - Linear Technology LT3045 Datasheet HTML 28Page - Linear Technology LT3045 Datasheet HTML 29Page - Linear Technology LT3045 Datasheet HTML 30Page - Linear Technology LT3045 Datasheet HTML 31Page - Linear Technology LT3045 Datasheet HTML 32Page - Linear Technology LT3045 Datasheet HTML 33Page - Linear Technology LT3045 Datasheet HTML 34Page - Linear Technology LT3045 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
LT3045-1
31
30451fa
For more information www.linear.com/LT3045-1
TYPICAL APPLICATIONS
Paralleling Multiple LT3045-1s for 2A Output Current
10µF
10µF
20m
4.7µF
OUT
IN
SET
LT3045-1
100µA
100µA
OUTS
PGFB
ILIM
GND
PG
EN/UV
IN
PGFB
PG
EN/UV
8.25k
20m
30451 TA09
OUT
LT3045-1
OUTS
SET
ILIM
GND
10µF
10µF
20m
22µF
OUT
IN
SET
LT3045-1
100µA
100µA
OUTS
PGFB
GND
PG
EN/UV
IN
PGFB
PG
EN/UV
453k
200k
49.9k
VOUT = 3.3V
IOUT(MAX) = 2A
DROPOUT = 300mV
20m
OUT
LT3045-1
OUTS
SET
ILIM
ILIM
GND
OUTPUT NOISE =
0.8µVRMS
4
= 0.4µVRMS
VIN
5V ±5%
VIOC
VIOC
VIOC
VIOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com