Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1963 Datasheet HTML 16Page - Linear Technology LT1963 Datasheet HTML 17Page - Linear Technology LT1963 Datasheet HTML 18Page - Linear Technology LT1963 Datasheet HTML 19Page - Linear Technology LT1963 Datasheet HTML 20Page - Linear Technology LT1963 Datasheet HTML 21Page - Linear Technology LT1963 Datasheet HTML 22Page - Linear Technology LT1963 Datasheet HTML 23Page - Linear Technology LT1963 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT3089
20
3089f
For more information www.linear.com/LT3089
APPLICATIONS INFORMATION
The second technique for reducing power dissipation,
shown in Figure 13, uses a resistor in parallel with the
LT3089. This resistor provides a parallel path for current
flow, reducing the current flowing through the LT3089.
This technique works well if input voltage is reasonably
constant and output load current changes are small. This
technique also increases the maximum available output
current at the expense of minimum load requirements.
RP dissipates 0.85W of power. As with the first technique,
choose appropriate wattage resistors to handle and dis-
sipate the power properly. With this configuration, the
LT3089 supplies only 0.43A. Therefore, load current can
increase by 0.37A to a total output current of 1.17A while
keeping the LT3089 in its normal operating range.
Protection Features
The LT3089 incorporates several protection features ideal
for harsh industrial and automotive environments, among
otherapplications.Inadditiontonormalmonolithicregula-
torprotectionfeaturessuchascurrentlimitingandthermal
limiting, the LT3089 protects itself against reverse-input
voltages, reverse-output voltages, and large OUT-to-SET
pin voltages.
Current limit protection and thermal overload protection
protect the IC against output current overload conditions.
For normal operation, do not exceed the rated absolute
maximum junction temperature. The thermal shutdown
circuit’s temperature threshold is typically 165°C and
incorporates about 5°C of hysteresis.
TheLT3089’sINpinwithstands±40Vvoltageswithrespect
to the OUT and SET pins. Reverse current flow, if OUT is
greater than IN, is less than 1mA (typically under 100µA),
protecting the LT3089 and sensitive loads.
Clamping diodes and 400Ω limiting resistors protect the
LT3089’s SET pin relative to the OUT pin voltage. These
protection components typically only carry current under
transient overload conditions. These devices are sized to
handle ±10V differential voltages and ±25mA crosspin
current flow without concern. Relative to these applica-
tion concerns, note the following two scenarios. The first
scenario employs a noise-reducing SET pin bypass
capacitorwhileOUTisinstantaneouslyshortedtoGND.The
second scenario follows improper shutdown techniques
in which the SET pin is reset to GND quickly while OUT
is held up by a large output capacitance with light load.
3089 F13
IN
SET
OUT
+
–
LT3089
50µA
RSET
VOUT
VIN
C2
C1
RP
Figure 13. Reducing Power Dissipation Using a Parallel Resistor
As an example, assume: VIN = 5V, VIN(MAX) = 5.5V,
VOUT  =  3.3V, VOUT(MIN) = 3.2V, IOUT(MAX) = 0.8A and
IOUT(MIN) = 0.4A. Also, assuming that RP carries no more
than 90% of IOUT(MIN) = 360mA.
Calculating RP yields:
RP =
5.5V – 3.2V
0.36A
= 6.39Ω
(5% Standard value = 6.2Ω)
The maximum total power dissipation is:
(5.5V – 3.2V) • 0.8A = 1.84W
However, the LT3089 supplies only:
0.8A –
5.5V – 3.2V
6.2Ω
= 0.43A
Therefore, the LT3089’s power dissipation is only:
PDISS = (5.5V – 3.2V) • 0.43A = 0.99W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com