Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963 Datasheet(PDF) 23 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT1963 Datasheet HTML 19Page - Linear Technology LT1963 Datasheet HTML 20Page - Linear Technology LT1963 Datasheet HTML 21Page - Linear Technology LT1963 Datasheet HTML 22Page - Linear Technology LT1963 Datasheet HTML 23Page - Linear Technology LT1963 Datasheet HTML 24Page - Linear Technology LT1963 Datasheet HTML 25Page - Linear Technology LT1963 Datasheet HTML 26Page - Linear Technology LT1963 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT3089
23
3089f
For more information www.linear.com/LT3089
TYPICAL APPLICATIONS
Boosting Fixed Output Regulators
Reference Buffer
Adding Soft-Start
8.2*
3.3VOUT
2.3A
*4mV DROP ENSURES LT3089 IS OFF WITH NO LOAD
MULTIPLE LT3089s CAN BE USED
IN
SET TEMP
IMON
ILIM
20m
5V
OUT
+
–
LT3089
ISET
50µA
3089 TA06
6.2k
10µF
LT1963-3.3
47µF
20m
1k
1k*
1k
LT1019
VOUT
*MIN LOAD 3mA
IN
SET TEMP
IMON
ILIM
OUT
+
–
LT3089
ISET
50µA
3089 TA07
1µF
OUTPUT
GND
47µF
INPUT
VIN
1k
1k
VOUT
3.3V
0.8A
IN
SET TEMP
IMON
ILIM
OUT
+
–
LT3089
ISET
50µA
3089 TA08
0.1µF
10µF
1N4148
VIN
4.8V TO 36V
66.5k
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com