Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3667 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3667
Description  40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3667 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3667 Datasheet HTML 5Page - Linear Technology LT3667 Datasheet HTML 6Page - Linear Technology LT3667 Datasheet HTML 7Page - Linear Technology LT3667 Datasheet HTML 8Page - Linear Technology LT3667 Datasheet HTML 9Page - Linear Technology LT3667 Datasheet HTML 10Page - Linear Technology LT3667 Datasheet HTML 11Page - Linear Technology LT3667 Datasheet HTML 12Page - Linear Technology LT3667 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3668
9
3668fa
For more information www.linear.com/LT3668
LDOs:
Minimum Input Voltage
LDOs:
Load Regulation
LDOs:
Output Noise Spectral Density
TEMPERATURE (°C)
–50
0.6
1.8
2.0
2.2
0
50
75 100
3667 G37
0.2
1.4
1.0
0.4
1.6
0
1.2
0.8
–25
25
125 150
IL = 200mA
VOUT2/3 = 1.1V
VIN1 = 5V
TEMPERATURE (°C)
–50
–10
–4
–5
–6
–7
–8
–9
–3
–2
–1
0
50
100
150
3668 G38
0
–25
25
75
125
∆IOUT2/3 = 1mA TO 200mA
VOUT2/3 = 1.1V
VIN2/3 = 2.2V
VIN1 = 12V
FREQUENCY (Hz)
10n
100n
10
1k
10k
1M
100k
3668 G39
1n
100
1µ
COUT2/3 = 10µF
VIN2/3 = 6V
VADJ2/3 = 5V
IOUT2/3 = 200mA
TYPICAL PERFORMANCE CHARACTERISTICS
LDOs:
RMS Output Noise
LDOs:
Small Signal Transfer Function
LDOs:
Transient Response
LDOs: External Current Limit,
REN/ILIM = 1.54k
LDOs: External Current Limit,
REN/ILIM = 6.19k
LDOs: External Current Limit,
REN/ILIM = 31.6k
TA = 25°C, unless otherwise noted.
LOAD CURRENT (mA)
20
40
50
70
80
0.01
1
10
100
3668 G40
0
0.1
60
30
10
COUT = 10µF
fOUT2/3 = 10Hz TO 100kHz
VIN2/3 = 6V
VADJ2/3 = 5V
FREQUENCY (Hz)
–20
–10
10
20
10
1k
10k
100k
1M
3668 G41
–40
100
0
–30
–180
–90
–45
45
–225
0
–135
COUT = 10µF
fOUT2/3 = 10Hz TO 100kHz
VIN2/3 = 6V
VADJ2/3 = 5V
IOUT2/3 = 200mA
IOUT2/3 = 20mA
PHASE
GAIN
3668 G42
100µs/DIV
VOUT2/3
50mV/DIV
IOUT2/3
100mA/DIV
IOUT3/2 = 20mA
VOUT3/2
1mV/DIV
VIN2/3 = 6V, VOUT2/3 = 5V
COUT2/3 = 10µF
IOUT2/3 = 20mA TO 200mA
TEMPERATURE (°C)
–50
190
200
150
3668 G43
180
170
0
50
100
–25
25
75
125
210
VOUT2/3 = 5V
185
195
175
205
VIN2/3 = 5.6V
VIN2/3 = 15V
VIN2/3 = 10V
TEMPERATURE (°C)
–50
50.0
51.0
150
3668 G44
49.0
48.0
0
50
100
–25
25
75
125
52.0
VOUT2/3 = 5V
49.5
50.5
48.5
51.5
VIN2/3 = 5.6V
VIN2/3 = 15V
VIN2/3 = 10V
TEMPERATURE (°C)
–50
9.8
9.9
10.0
10.1
10.2
–25
0
25
50
3668 G45
75 100 125 150
VOUT2/3 = 5V
VIN2/3 = 5.6V
VIN2/3 = 15V
VIN2/3 = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com