Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3667 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3667
Description  40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3667 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3667 Datasheet HTML 20Page - Linear Technology LT3667 Datasheet HTML 21Page - Linear Technology LT3667 Datasheet HTML 22Page - Linear Technology LT3667 Datasheet HTML 23Page - Linear Technology LT3667 Datasheet HTML 24Page - Linear Technology LT3667 Datasheet HTML 25Page - Linear Technology LT3667 Datasheet HTML 26Page - Linear Technology LT3667 Datasheet HTML 27Page - Linear Technology LT3667 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT3668
24
3668fa
For more information www.linear.com/LT3668
6V, 5V and 5V (Follower) Step-Down Converter
Using Digital Output of a Microcontroller as Reference Voltage
3668 TA02
EN2/ILIM2
EN3/ILIM3
GND
5V
150mA
C4
10µF
C5
10µF
IN1
LT3668
BOOST
SW
DA
IN3/BD
IN2
ON OFF
EN
PG
RT
C1
4.7µF
C2
0.22µF
C6
22pF
L1
27µH
R1
232k
D1
DFLS160
6V
100mA
R2
931k
R3
294k
RT
174k
f = 600kHz
VIN
7V TO 40V
TRANSIENT
TO 60V
5V
150mA
(FOLLOWS
OUT3)
C3
22µF
FB1
ADJ2
OUT2
OUT3
ADJ3
C1-C5: X5R OR X7R
L1: SUMIDA CDRH5D28R/HP
3668 TA03
EN2/ILIM2
EN3/ILIM3
GND
3.3V, 200mA
C4
10µF
C5
10µF
C7
47nF
IN1
LT3668
BOOST
SW
DA
IN3/BD
IN2
FB1
ON OFF
EN
PG
RT
ADJ2
OUT2
OUT3
ADJ3
C1
4.7µF
C2
0.1µF
D1
DFLS160
C6
22pF
L1
10µH
R1
178k
4.05V
R2
511k
R3
294k
RT
37.4k
R4
12.7k
f = 2MHz
VIN
7.5V TO 16V
TRANSIENT
TO 60V
VDD
µC
I/O
3.3V
25mA
OFF-BOARD
SUPPLY,
FOR EXAMPLE:
SENSORS
C3
10µF
C1-C5: X5R OR X7R
L1: SUMIDA CDRH4D22/HP
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com