Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2221 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2221
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2221 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2221 Datasheet HTML 7Page - Linear Technology LTC2221 Datasheet HTML 8Page - Linear Technology LTC2221 Datasheet HTML 9Page - Linear Technology LTC2221 Datasheet HTML 10Page - Linear Technology LTC2221 Datasheet HTML 11Page - Linear Technology LTC2221 Datasheet HTML 12Page - Linear Technology LTC2221 Datasheet HTML 13Page - Linear Technology LTC2221 Datasheet HTML 14Page - Linear Technology LTC2221 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC2220/LTC2221
11
22201fa
TYPICAL PERFOR A CE CHARACTERISTICS
2221 G18
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2221 G19
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2221 G20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2221 G23
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2221 G22
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2221 G21
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2221 G15
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2221 G16
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2221 G17
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
LTC2221: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
LVDS Mode
LTC2221: 8192 Point FFT,
fIN = 30MHz, –1dB, 1V Range,
LVDS Mode
LTC2221: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
LVDS Mode
LTC2221: 8192 Point FFT,
fIN = 70MHz, –1dB, 1V Range,
LVDS Mode
LTC2221: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V
Range, LVDS Mode
LTC2221: 8192 Point FFT,
fIN = 140MHz, –1dB, 1V
Range, LVDS Mode
LTC2221: 8192 Point FFT,
fIN = 250MHz, –1dB, 2V
Range, LVDS Mode
LTC2221: 8192 Point FFT,
fIN = 250MHz, –1dB, 1V
Range, LVDS Mode
LTC2221: 8192 Point FFT,
fIN = 500MHz, –6dB, 1V
Range, LVDS Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com