Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2221 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2221
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2221 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2221 Datasheet HTML 11Page - Linear Technology LTC2221 Datasheet HTML 12Page - Linear Technology LTC2221 Datasheet HTML 13Page - Linear Technology LTC2221 Datasheet HTML 14Page - Linear Technology LTC2221 Datasheet HTML 15Page - Linear Technology LTC2221 Datasheet HTML 16Page - Linear Technology LTC2221 Datasheet HTML 17Page - Linear Technology LTC2221 Datasheet HTML 18Page - Linear Technology LTC2221 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTC2220/LTC2221
15
22201fa
FUNCTIONAL BLOCK DIAGRA
DIFF
REF
AMP
REF
BUF
2.2
µF
1
µF
0.1
µF
0.1
µF
1
µF
INTERNAL CLOCK SIGNALS
REFH
REFL
DIFFERENTIAL
INPUT
LOW JITTER
CLOCK
DRIVER
RANGE
SELECT
1.6V
REFERENCE
FIRST PIPELINED
ADC STAGE
FIFTH PIPELINED
ADC STAGE
FOURTH PIPELINED
ADC STAGE
SECOND PIPELINED
ADC STAGE
ENC+
REFHA
REFLB
REFLA REFHB
ENC–
SHIFT REGISTER
AND CORRECTION
OE
M0DE
OGND
OF
OVDD
D11
D0
CLKOUT
22201 F01
INPUT
S/H
SENSE
VCM
AIN
–
AIN
+
2.2
µF
THIRD PIPELINED
ADC STAGE
OUTPUT
DRIVERS
CONTROL
LOGIC
LVDS SHDN
•
•
•
+
–
+
–
+
–
+
–
VDD
GND
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com