Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2255 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2255
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2255 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2255 Datasheet HTML 2Page - Linear Technology LTC2255 Datasheet HTML 3Page - Linear Technology LTC2255 Datasheet HTML 4Page - Linear Technology LTC2255 Datasheet HTML 5Page - Linear Technology LTC2255 Datasheet HTML 6Page - Linear Technology LTC2255 Datasheet HTML 7Page - Linear Technology LTC2255 Datasheet HTML 8Page - Linear Technology LTC2255 Datasheet HTML 9Page - Linear Technology LTC2255 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2220/LTC2221
6
22201fa
INPUT FREQUENCY (MHz)
0
70
69
68
67
66
65
64
63
62
61
60
600
500
400
2220 G04
70
69
68
67
66
65
64
63
62
61
60
100
200
300
INPUT FREQUENCY (MHz)
0
600
500
400
100
200
300
0
600
500
400
100
200
300
2220 G05
INPUT FREQUENCY (MHz)
80
90
100
2220 G06
70
60
40
50
OUTPUT CODE
0
4096
2220 G01
1024
2048
3072
0
4096
1024
2048
3072
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
OUTPUT CODE
2220 G02
CODE
2056
229
140
12866
24266
93571
100000
80000
60000
40000
20000
–0
2060
2220 G03
2057
2058
2059
TYPICAL PERFOR A CE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they will
be clamped by internal diodes. This product can handle input currents of
greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3.3V, fSAMPLE = 170MHz (LTC2220) or 135MHz (LTC2221),
LVDS outputs, differential ENC+/ENC– = 2VP-P sine wave, input range =
2VP-P with differential drive, unless otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from a “best
straight line” fit to the transfer curve. The deviation is measured from the
center of the quantization band.
Note 6: Offset error is the offset voltage measured from –0.5 LSB when the
output code flickers between 0000 0000 0000 and 1111 1111 1111 in 2’s
complement output mode.
Note 7: Guaranteed by design, not subject to test.
Note 8: Recommended operating conditions.
Note 9: VDD = 3.3V, fSAMPLE = 170MHz (LTC2220) or 135MHz (LTC2221),
differential ENC+/ENC– = 2VP-P sine wave, input range = 1VP-P with differential
drive, output CLOAD = 5pF.
Note 10: SNR minimum and typical values are for LVDS mode. Typical values
for CMOS mode are typically 0.3dB lower.
Note 11: SFDR minimum values are for LVDS mode. Typical values are for
both LVDS and CMOS modes.
Note 12: SINAD minimum and typical values are for LVDS mode. Typical
values for CMOS mode are typically 0.3dB lower.
ELECTRICAL CHARACTERISTICS
LTC2220: INL, 2V Range
LTC2220: DNL, 2V Range
LTC2220: Shorted Input Noise
Histogram
(TA = 25°C unless otherwise noted, Note 4)
LTC2220: SNR vs Input
Frequency, –1dB, 2V Range,
LVDS Mode
LTC2220: SFDR (HD2 and HD3)
vs Input Frequency, –1dB, 2V
Range, LVDS Mode
LTC2220: SNR vs Input
Frequency, –1dB, 1V Range,
LVDS Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com