Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2255 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2255
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2255 Datasheet(HTML) 5 Page - Linear Technology

  LTC2255 Datasheet HTML 1Page - Linear Technology LTC2255 Datasheet HTML 2Page - Linear Technology LTC2255 Datasheet HTML 3Page - Linear Technology LTC2255 Datasheet HTML 4Page - Linear Technology LTC2255 Datasheet HTML 5Page - Linear Technology LTC2255 Datasheet HTML 6Page - Linear Technology LTC2255 Datasheet HTML 7Page - Linear Technology LTC2255 Datasheet HTML 8Page - Linear Technology LTC2255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC2220/LTC2221
5
22201fa
TI I G CHARACTERISTICS The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
POWER REQUIRE E TS The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
LTC2220
LTC2221
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
(Note 8)
●
3.1
3.3
3.5
3.1
3.3
3.5
V
PSHDN
Shutdown Power
SHDN = High, OE = High, No CLK
2
2
mW
PNAP
Nap Mode Power
SHDN = High, OE = Low, No CLK
35
35
mW
LVDS OUTPUT MODE
OVDD
Output Supply Voltage
(Note 8)
●
3
3.3
3.6
3
3.3
3.6
V
IVDD
Analog Supply Current
●
264
288
196
212
mA
IOVDD
Output Supply Current
●
55
70
55
70
mA
PDISS
Power Dissipation
●
1050
1182
828
931
mW
CMOS OUTPUT MODE
OVDD
Output Supply Voltage
(Note 8)
●
0.5
3.3
3.6
0.5
3.3
3.6
V
IVDD
Analog Supply Current
●
264
288
196
212
mA
PDISS
Power Dissipation
890
660
mW
LTC2220
LTC2221
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
(Note 8)
●
1
170
1
135
MHz
tL
ENC Low Time (Note 7)
Duty Cycle Stabilizer Off
●
2.8
2.94
500
3.5
3.7
500
ns
Duty Cycle Stabilizer On
●
2
2.94
500
2
3.7
500
ns
tH
ENC High Time (Note 7)
Duty Cycle Stabilizer Off
●
2.8
2.94
500
3.5
3.7
500
ns
Duty Cycle Stabilizer On
●
2
2.94
500
2
3.7
500
ns
tAP
Sample-and-Hold Aperture Delay
0
0
ns
tOE
Output Enable Delay
(Note 7)
●
510
510
ns
LVDS OUTPUT MODE
tD
ENC to DATA Delay
(Note 7)
●
1.3
2.2
3.5
1.3
2.2
3.5
ns
tC
ENC to CLOCKOUT Delay
(Note 7)
●
1.3
2.2
3.5
1.3
2.2
3.5
ns
DATA to CLOCKOUT Skew
(tC - tD) (Note 7)
●
–0.6
0
0.6
–0.6
0
0.6
ns
Rise Time
0.5
0.5
ns
Fall Time
0.5
0.5
ns
Pipeline Latency
5
5
Cycles
CMOS OUTPUT MODE
tD
ENC to DATA Delay
(Note 7)
●
1.3
2.1
3.5
1.3
2.1
3.5
ns
tC
ENC to CLOCKOUT Delay
(Note 7)
●
1.3
2.1
3.5
1.3
2.1
3.5
ns
DATA to CLOCKOUT Skew
(tC - tD) (Note 7)
●
–0.6
0
0.6
–0.6
0
0.6
ns
Pipeline Latency Full Rate CMOS
5
5
Cycles
Demuxed Interleaved
5
5
Cycles
Demuxed Simultaneous
5 and 6
5 and 6
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com