Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2602 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2602
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology LTC2602 Datasheet HTML 11Page - Linear Technology LTC2602 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTC2311-16
8
231116fa
For more information www.linear.com/LTC2311-16
TYPICAL PERFORMANCE CHARACTERISTICS
THD, Harmonics vs Input Common
Mode (100kHz to 2.2MHz)
SNR, SINAD vs Reference Voltage,
fIN = 500kHz
8k Point FFT, IMD, fSMPL = 5Msps,
AIN+ = 100kHz, AIN– = 2.2MHz
32k Point FFT, fSMPL = 5Msps,
fIN = 2.2MHz
SNR, SINAD vs Input Frequency
(100kHz to 2.2MHz)
THD, Harmonics vs Input
Frequency (100kHz to 2.2MHz)
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
DC Histogram
TA = 25°C, VDD = 5V, OVDD = 2.5V, REFOUT =
4.096V, fSMPL = 5Msps, unless otherwise noted.
OUTPUT CODE
–32768
–16384
0
16384
32768
–4
–3
–2
–1
0
1
2
3
4
231116 G01
OUTPUT CODE
–32768
–16384
0
16384
32768
–1
–0.5
0
0.5
1
231116 G02
σ = 1.7
OUTPUT CODE
–5 –4 –3 –2 –1 0 1 2 3 4 5 6
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
231116 G03
SNR = 81.6dB
THD = –90dB
SINAD = 81.1dB
SFDR = 96dB
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
–140
–120
–100
–80
–60
–40
–20
0
231116 G04
SNR
SINAD
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
80.0
80.5
81.0
81.5
82.0
82.5
83.0
231116 G05
231116 G09
FREQUENCY (MHz)
0
2.5
2
1
0.5
1.5
0
–20
–40
–60
–80
–100
–120
–140
THD
HD2
HD3
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
–110
–105
–100
–95
–90
–85
231116 G06
THD
HD2
HD3
INPUT COMMON MODE (V)
1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3
–110
–105
–100
–95
–90
–85
–80
231116 G07
SNR
SINAD
VREF (V)
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
68
70
72
74
76
78
80
82
84
231116 G08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com