Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2602 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2602
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 12Page - Linear Technology LTC2602 Datasheet HTML 13Page - Linear Technology LTC2602 Datasheet HTML 14Page - Linear Technology LTC2602 Datasheet HTML 15Page - Linear Technology LTC2602 Datasheet HTML 16Page - Linear Technology LTC2602 Datasheet HTML 17Page - Linear Technology LTC2602 Datasheet HTML 18Page - Linear Technology LTC2602 Datasheet HTML 19Page - Linear Technology LTC2602 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC2311-16
16
231116fa
For more information www.linear.com/LTC2311-16
APPLICATIONS INFORMATION
Single-Ended-to-Differential Conversion
While single-ended signals can be directly digitized as pre-
viously discussed, single-ended to differential conversion
circuits may also be used when higher dynamic range is
desired. By producing a differential signal at the inputs of
the LTC2311-16, the signal swing presented to the ADC is
maximized, thus increasing the achievable SNR.
The LT®1819 high speed dual operational amplifier is
recommendedforperformingsingle-ended-to-differential
conversions, as shown in Figure 8. In this case, the first
amplifier is configured as a unity-gain buffer and the
single-ended input signal directly drives the high imped-
ance input of this amplifier.
Fully-Differential Inputs
ToachievethefulldistortionperformanceoftheLTC2311-16,
a low distortion fully-differential signal source driven
through the LT1819 configured as two unity-gain buffers,
as shown in Figure 9, can be used. This circuit achieves a
THD specification of –85dB at input frequencies of 500kHz
and less. Data sheet typical performance curves are taken
using a harmonic rejection filter between the ADC and the
signal source to eliminate the op amp as the dominant
source of distortion.
The fully-differential configuration yields an analog input
span (AIN+ – AIN–) of ±REFOUT. In this configuration, the
input signal is driven on each AIN pin, typically at equal
spans but opposite polarity. This yields a high common
mode rejection on the input signals. The common mode
voltage of the analog input can be anywhere within the VDD
input range, but will be limited by the peak swing of the
full-range input signal. For example, if the internal refer-
ence is used with VDD = 5VDC, the full-range input span
will be ±4.096V. Half of the input span is typically driven
on each AIN pin, yielding a signal span for each AIN pin of
4.096VP-P. This leaves ~0.9V of common mode variation
tolerance. When using external references, it is possible
to increase common mode tolerance by compressing the
ADC full-range codes into a tighter range. For example,
using an external 2.048V reference with VDD = 5V the total
span would be ±2.048V and each AIN span would be lim-
ited to 2.048VP-P allowing a common mode range of ~3V.
Compressing the input span would incur a SNR penalty
of approximately 2dB. Input span compression may be
useful if single-supply analog input drivers are used which
Figure 8. Single-Ended to Differential Driver
Figure 9. LT1819 Buffering a Fully-Differential Signal Source
VREF
0V
VREF
0V
VREF
0V
VREF/2
+
–
+
–
200
200
LT1819
231116 F08
VREF
0V
VREF
0V
VREF
0V
VREF
0V
+
–
+
–
LT1819
231116 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com