Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2602 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 18Page - Linear Technology LTC2602 Datasheet HTML 19Page - Linear Technology LTC2602 Datasheet HTML 20Page - Linear Technology LTC2602 Datasheet HTML 21Page - Linear Technology LTC2602 Datasheet HTML 22Page - Linear Technology LTC2602 Datasheet HTML 23Page - Linear Technology LTC2602 Datasheet HTML 24Page - Linear Technology LTC2602 Datasheet HTML 25Page - Linear Technology LTC2602 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC2320-12
22
Rev B
For more information www.analog.com
APPLICATIONS INFORMATION
Table 2. Table 2. Reference Configurations and Ranges
REFERENCE CONFIGURATION
VDD
REFBUFEN
REF PIN
REFOUT1,2,3,4
PIN
DIFFERENTIAL INPUT
RANGE PIN
Internal Reference with Internal Buffers
5V
5V
4.096V
4.096V
±4.096V
3.3V
3.3V
2.048V
2.048V
±2.048V
Common External Reference with Internal Buffer (REF Pin
Externally Overdriven)
5V
5V
1.25V to 5V
1.25V to 3.3V
±1.25V to ±5V
3.3V
3.3V
1.25V to 5V
1.25V to 3.3V
±1.25V to ±3.3V
External Reference with REF Buffers Disabled
5V
0V
4.096V
1.25V to 5V
±1.25V to ±5V
3.3V
0V
2.048V
1.25V to 3.3V
±1.25V to ±3.3V
(13a) LTC2320-12 Internal Reference Circuit
(13b) LTC2320-12 with a Shared External Reference Circuit
(13c) LTC2320-12 with Different External Reference Voltages
Figure 13. Reference Connections
LTC6655-4.096
5V TO
13.2V
0.1µF
VDD
LTC2320-12
GND
232012 F13b
+5V
REF
REFOUT1
REFOUT2
REFOUT3
REFOUT4
REFBUFEN
10µF
10µF
10µF
10µF
10µF
VIN
SHDN
VOUT_F
VOUT_S
5V TO 13.2V
0.1µF
VDD
LTC2320-12
GND
232012 F13c
+5V
REFOUT1
REF
REFOUT2
REFOUT3
REFOUT4
REFBUFEN
10µF
LTC6655-4.096
1µF
VIN
SHDN
VOUT_F
VOUT_S
5V TO 13.2V
0.1µF
10µF
LTC6655-2.048
VIN
SHDN
VOUT_F
VOUT_S
5V TO 13.2V
0.1µF
10µF
LTC6655-2.5
VIN
SHDN
VOUT_F
VOUT_S
5V TO 13.2V
0.1µF
10µF
LTC6655-3
VIN
SHDN
VOUT_F
VOUT_S
VDD
LTC2320-12
GND
232012 F13a
3.3V TO 5V
REF
REFOUT1
REFOUT2
REFOUT3
REFOUT4
REFBUFEN
1µF
10µF
10µF
10µF
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com