Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2602 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2602
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 4 Page - Linear Technology

  LTC2602 Datasheet HTML 1Page - Linear Technology LTC2602 Datasheet HTML 2Page - Linear Technology LTC2602 Datasheet HTML 3Page - Linear Technology LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2320-12
4
Rev B
For more information www.analog.com
INTERNAL REFERENCE CHARACTERISTICS The
l
denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C (Note 4).
DIGITAL INPUTS AND DIGITAL OUTPUTS The
l
denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C (Note 4).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFOUT1,2,3,4 Internal Reference Output Voltage
4.75V < VDD < 5.25V
3.13V < VDD < 3.47V
l
l
4.078
2.034
4.096
2.048
4.115
2.064
V
V
VREF Temperature Coefficient
(Note 14)
l
3
20
ppm/°C
REFOUT1,2,3,4 Output Impedance
0.25
Ω
VREFOUT1,2,3,4 Line Regulation
4.75V < VDD < 5.25V
0.3
mV/V
IREFOUT1,2,3,4 External Reference Current
REFBUFEN = 0V
REFOUT1,2,3,4 = 4.096V
REFOUT1,2,3,4 = 2.048V
(Notes 9, 10)
385
204
μA
μA
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS Digital Inputs and Outputs
CMOS/LVDS = GND
VIH
High Level Input Voltage
l
0.8 • OVDD
V
VIL
Low Level Input Voltage
l
0.2 • OVDD
V
IIN
Digital Input Current
VIN = 0V to OVDD
l
–10
10
μA
CIN
Digital Input Capacitance
l
5
pF
VOH
High Level Output Voltage
IO = –500μA
l
OVDD – 0.2
V
VOL
Low Level Output Voltage
IO = 500μA
l
0.2
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVDD
l
–10
10
μA
ISOURCE
Output Source Current
VOUT = 0V
l
–10
mA
ISINK
Output Sink Current
VOUT = OVDD
l
10
mA
LVDS Digital Inputs and Outputs
CMOS/LVDS = OVDD
VID
LVDS Differential Input Voltage
100Ω Differential Termination
OVDD = 2.5V
l
240
600
mV
VIS
LVDS Common Mode Input Voltage
100Ω Differential Termination
OVDD = 2.5V
l
1
1.45
V
VOD
LVDS Differential Output Voltage
100Ω Differential Termination
OVDD = 2.5V
l
220
350
600
mV
VOS
LVDS Common Mode Output Voltage
100Ω Differential Termination
OVDD = 2.5V
l
0.85
1.2
1.4
V
VOD_LP
Low Power LVDS Differential Output Voltage 100Ω Differential Termination
OVDD = 2.5V
l
100
200
350
mV
VOS_LP
Low Power LVDS Common Mode Output Voltage 100Ω Differential Termination
OVDD = 2.5V
l
0.85
1.2
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com