Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130C Datasheet(PDF) 2 Page - 3M Electronics

Part # 130C
Description  Linerless Rubber Splicing Tape 130C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

130C Datasheet(HTML) 2 Page - 3M Electronics

  130C Datasheet HTML 1Page - 3M Electronics 130C Datasheet HTML 2Page - 3M Electronics 130C Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Scotch® Linerless Rubber Splicing Tape 130C
2 of 3
Typical
Physical
and Electrical
Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
Physical Properties (Test Method)
Typical Value
US units (metric)
Color
Black
Thickness
(ASTM D–4325)
30 mils
(0.762 mm)
Tensile Strength
(ASTM D 4325)
250 psi
(1.72 MPa)
Ultimate Elongation
(ASTM D 4325)
850%
Operating Temperature
(ASTM D 4388)
194°F
(90°C)
Emergency Overload
(ASTM D 4388)
266°F
(130°C)
Thermal Conductivity (23°C)
( ASTM C 518)
0.3 W/m˚C
Ozone Resistance
(ASTM D 4388)
Passes
Heat Resistance
(ASTM D 4388)
Passes
UV Resistance
(ASTM D 4388)
Passes
Electrical Properties (Test Method)
Typical Value
US units (metric)
Dielectric Strength
ASTM D 4325
Original
ASTM D 4325
24 hrs in H2O
ASTM D 4325
96 hrs @ 23°C 96% RH
750 V/mil
(29.5 Kv/mm)
750 V/mil
(29.5 Kv/mm)
730 V/mil
(28.7 Kv/mm)
Volume Resistivity
ASTM D 4325
Original
Aged 96 hrs @ 23°C 96% RH
>1015 ohm-cm
>1014 ohm-cm
Dielectric Constant
ASTM D 4325
1200 V@ 60 Hz
23°C
90°C
3.5
3.6
Dissipation Factor
ASTM D 4325
1200 V@ 60 Hz
23°C
90°C
0.70%
3.00%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com