Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130C Datasheet(PDF) 3 Page - 3M Electronics

Part # 130C
Description  Linerless Rubber Splicing Tape 130C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

130C Datasheet(HTML) 3 Page - 3M Electronics

  130C Datasheet HTML 1Page - 3M Electronics 130C Datasheet HTML 2Page - 3M Electronics 130C Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Scotch® Linerless Rubber Splicing Tape 130C
3 of 3
3M
and Scotch are trademarks of 3M Company.
Installation
Techniques
This tape should be applied in successive half-lapped level wound layers until desired build-up is
reached. It should be applied like any rubber tape; that is, the side of the tape wrapped inside the roll
should be applied outside on the splice (tacky side up). This will help prevent the roll from getting
progressively further away from the work area.
To eliminate voids in critical areas, highly elongate 130C tape. Stretch tape in critical areas just short
of the breaking point; doing so will not alter its physical or electrical properties. In less critical areas,
less elongation may be used. The tape should be stretched to a minimum of 3/4 its original width.
Always attempt to half-lap to produce a uniform buildup. When using 130C tape for splicing cable
above 15 kV, always highly elongate the tape throughout the entire splice. Techniques for proper
usage of 130C tape are contained in standard and special prints available though the “3M System
for Splicing and Terminating” program. These are available through the local 3M Electrical Products
Division representative.
Shelf Life &
Storage
Scotch® Linerless Rubber Splicing Tape 130C has a 5 year shelf life from the date of manufacture
when stored in a temperature and humidity controlled environment: 10
⁰C/50⁰Fto27⁰C/80⁰Fand
<75% relative humidity.
Availability
The 130C tape is available from your electrical distributor in the following roll sizes.
3/4 in. by 30 ft. (19 mm x 9,1 m)
1 in. by 30 ft. (25,4 mm x 9,1 m)
1 1/2 in. by 30 ft. (38 mm x 9,1 m)
2 in. by 30 ft. (50,8 mm x 9,1 m)
Please contact your local distributor; available from 3M.com/electrical [Where to Buy] or call
1.800.245.3573.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information
believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must
evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated
with such use. Any statements related to the product, which are not contained in 3M’s current publications, or any
contrary statements contained on your purchase order, shall have no force or effect unless expressly agreed upon,
in writing, by an authorized officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER
WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above,
your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of
the 3M product. Except where prohibited by law, 3M will not be liable for any direct, indirect, special,
incidental or consequential loss or damage arising from this 3M product, regardless of the legal theory
asserted.

Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800.245.3573
FAX: 800.245.0329
www.3M.com/electrical
Please recycle
© 3M 2017 All rights reserved
78-8125-9449-3 Rev D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com