Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6201 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6201
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6201 Datasheet HTML 9Page - Linear Technology LT6201 Datasheet HTML 10Page - Linear Technology LT6201 Datasheet HTML 11Page - Linear Technology LT6201 Datasheet HTML 12Page - Linear Technology LT6201 Datasheet HTML 13Page - Linear Technology LT6201 Datasheet HTML 14Page - Linear Technology LT6201 Datasheet HTML 15Page - Linear Technology LT6201 Datasheet HTML 16Page - Linear Technology LT6201 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC2385-18
13
238518f
For more information www.linear.com/LTC2385-18
TIMING DIAGRAM
APPLICATIONS INFORMATION
Data Output Timing
tCLKH
tCLKDCO
CLK+
CLK–
DCO+
DCO–
DA+
DA–
tCLKDCO
tCLKD
tCLKD
tCLKL
238518 TD03
DB+
DB–
OVERVIEW
The LTC2385-18 is a low noise, high speed, 18-bit succes-
siveapproximationregister(SAR)ADC.Operatingfrom5V
and 2.5V supplies, the LTC2385-18 has a fully differential
±4.096V input range, making it ideal for applications that
require a wide dynamic range. The LTC2385-18 achieves
±1.5 LSB INL (maximum), no missing codes at 18-bits
and 96dB SNR (typical).
The LTC2385-18 includes a precision internal 2.048V
reference, with a guaranteed 0.25% initial accuracy and
a ±20ppm/°C (maximum) temperature coefficient, as well
as an internal reference buffer. The LTC2385-18 also has
a high speed serial LVDS interface that can output one
or two bits at a time. The fast 5Msps throughput with no
pipeline latency makes the LTC2385-18 ideally suited for
a wide variety of high speed applications. The LTC2385-18
dissipates only 78mW at 5Msps and has a power-down
mode to reduce the power consumption to 10μW during
inactive periods.
CONVERTER OPERATION
The LTC2385-18 operates in two phases. During the ac-
quisition phase, the sample capacitors are connected to
the analog input pins IN+ and IN– to sample the differential
analog input voltage. A rising edge on the CNV pin initiates
a conversion. During the conversion phase, the ADC is
sequencedthroughasuccessiveapproximationalgorithm,
comparing the sampled input with binary-weighted frac-
tions of the reference voltage (e.g. VREFBUF/2, VREFBUF/4
… VREFBUF/262144) using a differential comparator. At
the end of conversion, control logic prepares the 18-bit
digital output code for serial transfer.
TRANSFER FUNCTION
The LTC2385-18 digitizes the full-scale voltage of 2×
REFBUF into 218 levels, resulting in an LSB size of 31.25μV
with REFBUF = 4.096V. The output data is in two’s comple-
ment format. The ideal transfer function is shown in Figure
1. The ideal offset binary transfer function can be obtained
from the two’s complement transfer function by inverting
the most significant bit (MSB) of each output code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com