Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6201 Datasheet(PDF) 19 Page - Linear Technology

Part # LT6201
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT6201 Datasheet HTML 14Page - Linear Technology LT6201 Datasheet HTML 15Page - Linear Technology LT6201 Datasheet HTML 16Page - Linear Technology LT6201 Datasheet HTML 17Page - Linear Technology LT6201 Datasheet HTML 18Page - Linear Technology LT6201 Datasheet HTML 19Page - Linear Technology LT6201 Datasheet HTML 20Page - Linear Technology LT6201 Datasheet HTML 21Page - Linear Technology LT6201 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LTC2385-18
19
238518f
For more information www.linear.com/LTC2385-18
APPLICATIONS INFORMATION
The LVDS signals should be routed on the PC board as
100Ω differential transmission lines and terminated at the
receiver with 100Ω resistors.
A conversion is started by the rising edge of CNV+. When
the conversion is complete, the most-significant data bit
is output on DA±. Data is then ready to be shifted out by
applying a burst of nine clock pulses to the CLK± input.
The data on DA± is updated by every edge of CLK±. An
echoed version of CLK± is output on DCO±. The edges of
DA± and DCO± are aligned, so DCO± can be used to latch
DA± in the FPGA. The timing of a single conversion is
shown in Figure 12.
Data must be clocked out after the current conversion is
complete,andbeforethenextconversionfinishes.Thevalid
time window for clocking out data is shown in Figure 13.
Note that it is allowed to be still clocking out data when
the next conversion begins.
Two-Lane Output Mode
At high sample rates the required LVDS interface data rate
can reach >200Mbps. Most FPGAs can support this, but
if a lower data rate is desired, the two-lane output mode
can be used. When the TWOLANES input pin is tied high,
the optional LVDS output DB± is enabled, and data is out-
put two bits at a time on DA± and DB±. Enabling the DB±
output increases the supply current from OVDD by about
3.6mA. In two-lane mode, five clock pulses are required
for CLK± (see Timing Diagrams).
Output Test Patterns
To allow in-circuit testing of the digital interface to the
ADC, there is a test mode that forces the ADC data outputs
to known values:
One-Lane Mode: 10 1000 0001 1111 1100
Two-Lane Mode: 11 0011 0000 1111 1100
The test pattern is enabled when the TESTPAT pin is
brought high.
BOARD LAYOUT
The LTC2385-18 requires a printed circuit board with a
clean unbroken ground plane. A multilayer board with an
internal ground plane in the first layer beneath the ADC is
recommended. Layout for the printed circuit board should
ensure that digital and analog signal lines are separated as
much as possible. In particular, care should be taken not
Figure 12. Timing Diagram for a Single Conversion in One-Lane Mode
tCONV
238518 F12
CNV
D17
16 15 14 13 12 11 10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
CLK
DCO
DA
1
2
3
4
5
6
7
8
9
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com