Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2876 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 13Page - Linear Technology LTC2876 Datasheet HTML 14Page - Linear Technology LTC2876 Datasheet HTML 15Page - Linear Technology LTC2876 Datasheet HTML 16Page - Linear Technology LTC2876 Datasheet HTML 17Page - Linear Technology LTC2876 Datasheet HTML 18Page - Linear Technology LTC2876 Datasheet HTML 19Page - Linear Technology LTC2876 Datasheet HTML 20Page - Linear Technology LTC2876 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC2876/LTC2877
17
28767fa
For more information www.linear.com/LTC2876
applicaTions inForMaTion
Balanced Signal Threshold
The LTC2876/LTC2877 differential threshold is 120mV
for rising input signals and –120mV for falling signals.
This constitutes 240mV of hysteresis, which offers a high
rejection to signal noise that can otherwise falsely trip
a receiver. Since these thresholds are centered around
zero volts (i.e. “balanced”), the duty cycle is preserved
for small amplitude signals with slewed edges—typical
of what is observed at the end of a long cable. Figure 11
illustrates this point.
In contrast to this, some RS485 receivers have an un-
balanced receiver threshold, used to address failsafe
conditions (more on this below). That is, the rising and
falling differential signal thresholds are both negative.
Figure 12 illustrates an example where the rising threshold
is –75mV and falling threshold is –120mV. This has two
disadvantages. First, the hysteresis is only 45mV in this
example, reducing the tolerance to noise, compared to the
240mV of hysteresis in the LTC2876/LTC2877. Secondly,
these unbalanced thresholds cause a duty cycle or pulse
width distortion at the receiver output relative to the input
signal. Figure 12 illustrates how a competitor part, using
the negative thresholds in this example introduces a duty
cycle distortion that becomes increasingly worse with low
input signal levels and slow input edge rates.
Failsafe Operation
The LTC2876 and LTC2877 have a failsafe feature that
guarantees the receiver output will be in a logic 1 state
(the idle state) when the inputs are shorted, left open, or
terminated but not driven for more than about 1.5µs. This
failsafe feature is guaranteed to work for inputs spanning
the entire common mode range of –25V to +25V.
ManyRS485receiverssimplyemployanegativethreshold
(forrisingandfallingsignals)toachievefailsafeoperation.
If the inputs are shorted together (0V differential), the
receiver produces a high output, consistent with failsafe.
However, this asymmetrical threshold comes with the
disadvantages of pulse width distortion and sensitivity to
signal noise as described in the section above.
The LTC2876/LTC2877 achieves full failsafe operation,
whilereapingthebenefitsofabalancedreceiverthreshold.
Figure 11. The LTC2876/LTC2877 Balanced Signal Threshold
Voltages Preserve the Duty Cycle of an Incoming Signal. The
Differential Signal Received (Top) Has a Duty Cycle of 50%,
and Is Reflected In the Receiver Output, RO (Bottom)
Figure 12. Typical Competitor Unbalanced Signal Threshold
Voltages Distort the Duty Cycle of an Incoming Signal. Input Is
50% Duty Cycle (Top) But the Receiver Output Is Not 50% Duty
Cycle (Bottom)
+200mV
–200mV
0
VTS+
VTS–
–120mV
+120mV
RO
(PB–PA)
LTC2876, LTC2877 - BALANCED THRESHOLDS
28767 F11
+200mV
–200mV
0
VTS+
VTS–
–120mV
–75mV
RO
(PB–PA)
UNBALANCED THRESHOLDS
28767 F12
Failsafe operation is performed with a window compara-
tor to determine when the differential input voltage falls
between the rising and falling signal thresholds (VTS+,
and VTS–). If this condition persists for more than about
1.5µs then the receiver switches over to using the failsafe
thresholds (VTFS–, VTFS+), as illustrated in Figure 13 and
Figure14.Thedelayallowsnormaldatasignalstotransition
through the threshold region without being interpreted as
a failsafe condition, and thus maintaining the benefits of a
balancedthresholdreceiver. However,forfaultconditions
(e.g., shorted, open, or undriven lines) that persist for
more than 1.5µs, the failsafe thresholds are engaged and
the receiver output drives high, indicating this condition.
The failsafe delay also prevents unwanted receiver output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com