Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2876 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 15Page - Linear Technology LTC2876 Datasheet HTML 16Page - Linear Technology LTC2876 Datasheet HTML 17Page - Linear Technology LTC2876 Datasheet HTML 18Page - Linear Technology LTC2876 Datasheet HTML 19Page - Linear Technology LTC2876 Datasheet HTML 20Page - Linear Technology LTC2876 Datasheet HTML 21Page - Linear Technology LTC2876 Datasheet HTML 22Page - Linear Technology LTC2876 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTC2876/LTC2877
19
28767fa
For more information www.linear.com/LTC2876
applicaTions inForMaTion
±60V FAULT PROTECTION
TIA/EIA-485-A specifies that ground shifts between two
devices on a network can be as large as –7V to +12V
during operation. Most RS485 transceivers cannot safely
tolerate voltages on their interface pins that are much
higher than this range. However, industrial installations
may encounter voltages much greater than this, causing
damage to the devices.
This requirement means that a driver and receiver sharing
communication on a network must be able to operate with
a signal common mode voltage difference of –7V to 12V.
Competing PROFIBUS transceivers can be damaged by
pin voltages exceeding these levels by only a few volts.
The limited overvoltage tolerance makes implementation
of effective external protection networks difficult without
interferingwithproperdatanetworkperformance.Replac-
ing standard RS485 transceivers with the LTC2876 or
LTC2877 can eliminate field failures due to overvoltage
faults without using costly external protection devices.
The ±60V fault protection of the LTC2876/LTC2877 is
achievedbyusingahighvoltageBiCMOSintegratedcircuit
technology. The naturally high breakdown voltage of this
technology provides protection in powered off and high
impedance conditions. Figure 15 further illustrates how
the driver and receiver inputs tolerate large voltages above
the supply and below ground without excessive device
currents. As shown, the driver outputs are reverse-diode
protected from voltages back-driven above VCC or below
ground. The receiver inputs use resistive dividers that
toleratelargepositiveandnegativevoltages.TheLTC2876/
LTC2877 is protected from ±60V bus faults even with the
loss of GND or VCC.
±25V EXTENDED COMMON MODE RANGE
TheLTC2876/LTC2877receiverfeaturesanextendedcom-
monmoderangeof–25Vto+25V.Thewidecommonmode
increases the reliability of operation in environments with
high common mode voltages created by electrical noise
or local ground potential differences due to ground loops.
This extended common mode range allows the LTC2876/
LTC2877 to transmit and receive under conditions that
would cause data errors or possible device damage in
competing products.
VCC
PB PA
20:1
DIVIDE
VCC
FROM DI
INPUT CIRCUITS
LTC2876/LTC2877
SIMPLIFIED DRIVER
OUTPUT STAGE
LTC2876/LTC2877
SIMPLIFIED RECEIVER
INPUT STAGE
20:1
DIVIDE
28767 F15
TO RO
OUTPUT CIRCUITS
Figure 15. Internal Circuit Structure at PA/PB Pins That Tolerates Large Positive and Negative Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com