Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4355 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4355
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 14Page - Linear Technology LTC4355 Datasheet HTML 15Page - Linear Technology LTC4355 Datasheet HTML 16Page - Linear Technology LTC4355 Datasheet HTML 17Page - Linear Technology LTC4355 Datasheet HTML 18Page - Linear Technology LTC4355 Datasheet HTML 19Page - Linear Technology LTC4355 Datasheet HTML 20Page - Linear Technology LTC4355 Datasheet HTML 21Page - Linear Technology LTC4355 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LTC4235
20
4235f
For more information www.linear.com/LTC4235
applicaTions inForMaTion
BACKPLANE
CONNECTOR
VMAIN
12V
VAUX
12V
CARD
CONNECTOR
CPO1
GND
ON
FAULT
PWRGD
CL
470µF
12V
5A
R1
2k
INTVCC
Z2
SMAJ15A
D2OFF
IN1 DGATE1
DGATE2
LTC4235
4235 F09
MD3
SiR818DP
MH
SiR818DP
RS
0.004
HGATE
OUT
SENSE+
VSENSE+
SENSE–
CPO2
C3
0.1µF
C4
0.1µF
IN2
+
R2
13.7k
R6
100k
R5
100k
RH
10
RHG
1k
CHG
10nF
MD2
SiR818DP
REG
C2
0.1µF
C1
0.1µF
MD1
SiR818DP
EN
CFT
0.1µF
C5
0.1µF
Z1
SMAJ15A
FTMR
IMON
ADC
R3
2.49k
R4
20k
C6
0.1µF
R7 100
Figure 9. 1V Supply Separation from IN2 for Prioritized Power Supply at IN1 Using Back-to-Back MOSFETs
BACKPLANE
CONNECTOR
VIN1
12V
VIN2
12V
CARD
CONNECTOR
CPO1
GND
ON
FAULT
PWRGD
CL
220µF
12V
10A
R1
10k
INTVCC
Z2
SMAJ15A
D2OFF
IN1 DGATE1
DGATE2
LTC4235
4235 F09
MD2
SiR158DP
MH
SiR158DP
RS
0.002
HGATE
OUT
SENSE+
VSENSE+
SENSE–
CPO2
C3
0.1µF
C4
0.1µF
IN2
+
R4
2.7k
D2
D1
R3
2.7k
RH
10
RHG
1k
CHG
10nF
REG
C2
0.1µF
C1
0.1µF
MD1
SiR158DP
EN
PWREN
CFT
0.1µF
Z1
SMAJ15A
RSNUB1
100
CSNUB1
0.1µF
RSNUB2
100
CSNUB2
0.1µF
FTMR
IMON
ADC
D1: GREEN LED LN1351C
D2: RED LED LN1261CAL
Figure 10. 12V, 10A Card Resident Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com