Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4355 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4355
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 4 Page - Linear Technology

  LTC4355 Datasheet HTML 1Page - Linear Technology LTC4355 Datasheet HTML 2Page - Linear Technology LTC4355 Datasheet HTML 3Page - Linear Technology LTC4355 Datasheet HTML 4Page - Linear Technology LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC4235
4
4235f
For more information www.linear.com/LTC4235
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Inputs
VD2OFF(H,TH)
D2OFF Pin High Threshold
D2OFF Rising
l
1.21
1.235
1.26
V
VD2OFF(L,TH)
D2OFF Pin Low Threshold
D2OFF Falling
l
1.19
1.215
1.24
V
∆VD2OFF(HYST) D2OFF Pin Hysteresis
l
10
20
30
mV
VON(TH)
ON Pin Threshold Voltage
ON Rising
l
1.21
1.235
1.26
V
VON(RESET)
ON Pin Fault Reset Threshold Voltage
ON Falling
l
0.57
0.6
0.63
V
∆VON(HYST)
ON Pin Hysteresis
l
40
80
120
mV
IIN(LEAK)
Input Leakage Current (ON, D2OFF)
V = 5V
l
0
±1
µA
VEN(TH)
EN Pin Threshold Voltage
EN Rising
l
1.185
1.235
1.284
V
∆VEN(HYST)
EN Pin Hysteresis
l
60
110
200
mV
IEN(UP)
EN Pull-Up Current
EN = 1V
l
–7
–10
–13
µA
VFTMR(H)
FTMR Pin High Threshold
l
1.198
1.235
1.272
V
VFTMR(L)
FTMR Pin Low Threshold
l
0.15
0.2
0.25
V
IFTMR(UP)
FTMR Pull-Up Current
FTMR = 1V, In Fault Mode
l
–80
–100
–120
µA
IFTMR(DN)
FTMR Pull-Down Current
FTMR = 2V, No Faults
l
1.3
2
2.7
µA
DRETRY
Auto-Retry Duty Cycle
l
0.07
0.15
0.23
%
tRST(ON)
ON Low to FAULT High
l
20
40
µs
Outputs
IOUT
OUT Pin Current
OUT = 11V, IN = 12V, ON = 2V
OUT = 13V, IN = 12V, ON = 2V
l
l
30
100
2.5
170
4
µA
mA
VOL
Output Low Voltage (FAULT, PWRGD)
I = 1mA
I = 3mA
l
l
0.15
0.4
0.4
1.2
V
V
VOH
Output High Voltage (FAULT, PWRGD)
I = –1µA
l
INTVCC
– 1
INTVCC
– 0.5
V
IOH
Input Leakage Current (FAULT, PWRGD) V = 18V
l
0
±1
µA
IPU
Output Pull-Up Current (FAULT, PWRGD) V = 1.5V
l
–7
–10
–13
µA
Current Monitor
∆VREG
Floating Regulator Voltage
(VSENSE+ – VREG)
IREG = ±1µA
l
3.6
4.1
4.6
V
∆VSENSE(FS)
Input Sense Voltage Full Scale
(VSENSE+ – VSENSE–)
SENSE+ = 12V
l
25
mV
VIMON(OS)
IMON Input Offset Voltage
∆VSENSE = 0V
l
±150
µV
GIMON
IMON Voltage Gain
∆VSENSE = 20mV and 5mV
l
99
100
101
V/V
VIMON(MAX)
IMON Maximum Output Voltage
∆VSENSE = 70mV
l
3.5
5.5
V
VIMON(MIN)
IMON Minimum Output Voltage
∆VSENSE = 200µV
l
40
mV
RIMON(OUT)
IMON Output Resistance
∆VSENSE = 200µV
l
15
20
27
kΩ
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of
the device pins are negative. All voltages are referenced to GND unless
otherwise specified.
Note 3: An internal clamp limits the DGATE and CPO pins to a minimum of
10V above and a diode below IN. Driving these pins to voltages beyond the
clamp may damage the device.
Note 4: An internal clamp limits the HGATE pin to a minimum of 10V
above and a diode below OUT. Driving this pin to voltages beyond the
clamp may damage the device.
Note 5: Thermal resistance is specified when the exposed pad is soldered
to a 3" x 5", four layer, FR4 board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com