Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4355 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4355
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 2 Page - Linear Technology

  LTC4355 Datasheet HTML 1Page - Linear Technology LTC4355 Datasheet HTML 2Page - Linear Technology LTC4355 Datasheet HTML 3Page - Linear Technology LTC4355 Datasheet HTML 4Page - Linear Technology LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4236
2
4236f
For more information www.linear.com/LTC4236
absoluTe MaxiMuM raTings
Supply Voltages
IN1, IN2.................................................. –0.3V to 24V
INTVCC..................................................... –0.3V to 7V
REG ...........................SENSE+ – 5V to SENSE+ + 0.3V
Input Voltages
ON, D2OFF, EN ...................................... –0.3V to 24V
FTMR, DTMR.........................–0.3V to INTVCC + 0.3V
FB ............................................................ –0.3V to 7V
SENSE+, SENSE–, CS+, D2SRC .............. –0.3V to 24V
Output Voltages
IMON ....................................................... –0.3V to 7V
FAULT, PWRGD, DSTAT1, DSTAT2........... –0.3V to 24V
CPO1, CPO2 (Notes 3, 4) ....................... –0.3V to 35V
DGATE1, DGATE2 (Notes 3, 4)............... –0.3V to 35V
HGATE (Note 5) ..................................... –0.3V to 35V
OUT ....................................................... –0.3V to 24V
Average Currents
FAULT, PWRGD, DSTAT1, DSTAT2.........................5mA
INTVCC...............................................................10mA
Operating Ambient Temperature Range
LTC4236C................................................ 0°C to 70°C
LTC4236I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
SENSE–
SENSE+
CS+
IN1
INTVCC
GND
IN2
D2SRC
FAULT
DSTAT1
DSTAT2
ON
D2OFF
NC
NC
REG
7
17
18
19
20
21
22
16
8
15
29
TJMAX = 125°C, θJA = 43°C/W (NOTE 6)
EXPOSED PAD (PIN 29) PCB GND CONNECTION OPTIONAL
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4236CUFD-1#PBF
LTC4236CUFD-1#TRPBF 42361
28-Lead (4mm x 5mm) Plastic QFN
0°C to 70°C
LTC4236CUFD-2#PBF
LTC4236CUFD-2#TRPBF 42362
28-Lead (4mm x 5mm) Plastic QFN
0°C to 70°C
LTC4236IUFD-1#PBF
LTC4236IUFD-1#TRPBF
42361
28-Lead (4mm x 5mm) Plastic QFN
–40°C to 85°C
LTC4236IUFD-2#PBF
LTC4236IUFD-2#TRPBF
42362
28-Lead (4mm x 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com