Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4355 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4355
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 16Page - Linear Technology LTC4355 Datasheet HTML 17Page - Linear Technology LTC4355 Datasheet HTML 18Page - Linear Technology LTC4355 Datasheet HTML 19Page - Linear Technology LTC4355 Datasheet HTML 20Page - Linear Technology LTC4355 Datasheet HTML 21Page - Linear Technology LTC4355 Datasheet HTML 22Page - Linear Technology LTC4355 Datasheet HTML 23Page - Linear Technology LTC4355 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC4236
22
4236f
For more information www.linear.com/LTC4236
Typical applicaTion
Plug-In Card 3.3V Prioritized Power Supply at IN1
+
ADC
CPO1
GND
ON
FAULT
PWRGD
DSTAT1
CL
100µF
3.3V
5A
R1
2k
INTVCC
Z2
SMAJ13A
D2OFF
IN1 DGATE1
DGATE2
4236 TA02
MD2
SiR818DP
MH
SiR818DP
RS
0.004
HGATE OUT
FB
D2SRC
CPO2
C3
0.1µF
IN2
R2
2.21k
R4
2.37k
R3
2k
RH
10
RHG
1k
CHG
10nF
C2
0.1µF
C1
0.1µF
MD1
SiR818DP
EN
Z1
SMAJ13A
DTMR
CFT
0.1µF
FTMR
IMON
R9
20k
R10
28.7k
R8
2.2k
C6
0.1µF
C5
0.1µF
DSTAT2
LTC4236
SENSE+ CS+
SENSE–
C4
0.1µF
REG
BACKPLANE
CONNECTOR
VMAIN
3.3V
VAUX
3.3V
CARD
CONNECTOR
VSENSE+
R6
10k
R5
10k
R7
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com