Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS105B0 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLS105B0
Description  High Precision Voltage Tracker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS105B0 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLS105B0 Datasheet HTML 4Page - Infineon Technologies AG TLS105B0 Datasheet HTML 5Page - Infineon Technologies AG TLS105B0 Datasheet HTML 6Page - Infineon Technologies AG TLS105B0 Datasheet HTML 7Page - Infineon Technologies AG TLS105B0 Datasheet HTML 8Page - Infineon Technologies AG TLS105B0 Datasheet HTML 9Page - Infineon Technologies AG TLS105B0 Datasheet HTML 10Page - Infineon Technologies AG TLS105B0 Datasheet HTML 11Page - Infineon Technologies AG TLS105B0 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Table 5
Electrical characteristics tracking regulator
VIN = 13.5 V, 2.0 V ≤ VEN/ADJ ≤ 20 V, Tj = -40°C to 150°C, all voltages with respect to ground, positive current flowing
into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note or Test
Condition
Number
Min.
Typ.
Max.
Tracking output
Output voltage tracking
accuracy
∆VOUT = VADJ - VOUT
∆VOUT
-5
–
5
mV
4 V ≤ VIN ≤ 22 V;
0.1 mA ≤ IOUT ≤ 50 mA;
2 V ≤ VEN/ADJ ≤ VIN -
0.5 V; VEN/ADJ ≤ 20 V
P_4.1.1
Output voltage tracking
accuracy
∆VOUT = VADJ - VOUT
∆VOUT
-5
–
5
mV
4 V ≤ VIN ≤ 32 V;
0.1 mA ≤ IOUT ≤ 25 mA;
2 V ≤ VEN/ADJ ≤ VIN -
0.5 V; VEN/ADJ ≤ 20 V
P_4.1.2
Output voltage tracking
accuracy
∆VOUT = VADJ - VOUT
∆VOUT
-5
–
5
mV
4 V ≤ VIN ≤ 40 V;
0.1 mA ≤ IOUT ≤ 10 mA;
2 V ≤ VEN/ADJ ≤ VIN -
0.5 V; VEN/ADJ ≤ 20 V
P_4.1.3
Load regulation
steady-state
∆VOUT,load -3
–
–
mV
IOUT = 0.1 mA to 50 mA;
VEN/ADJ = 5 V
P_4.1.4
Line regulation
steady-state
∆VOUT,line –
–
3
mV
VIN = 5.5 V to 32 V;
IOUT = 10 mA;
VEN/ADJ = 5 V
P_4.1.5
Power supply ripple
rejection1)
PSRR
–
100
–
dB
fripple = 100 Hz;
Vripple = 1 Vpp;
IOUT = 10 mA;
COUT = 10 μF, ceramic
type
P_4.1.6
Output current limitation
IOUT,max
51
85
120
mA
VOUT = VADJ - 0.1 V;
VEN/ADJ = 5 V
P_4.1.7
Reverse current
IOUT,rev
-1
-0.3
–
mA
VIN = 0 V;
VOUT = 16 V;
VEN/ADJ = 5 V
P_4.1.10
Reverse current at negative
input voltage
IIN,rev
-8
-4
–
mA
VIN = -16 V;
VOUT = 0 V;
VEN/ADJ = 5 V
P_4.1.11
Dropout voltage2)
Vdr = VIN - VOUT
Vdr
–
250
450
mV
IOUT = 50 mA;
VEN/ADJ = 5 V
P_4.1.12
1
Not subject to production test, specified by design.
2
Measured when the output voltage VQ has dropped 100 mV from the nominal value obtained at VI = 13.5 V.
TLS105B0
High Precision Voltage Tracker
Block description and electrical characteristics
Data Sheet
8
Rev. 1.0
2018-01-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com