Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS105B0 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLS105B0
Description  High Precision Voltage Tracker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS105B0 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLS105B0 Datasheet HTML 1Page - Infineon Technologies AG TLS105B0 Datasheet HTML 2Page - Infineon Technologies AG TLS105B0 Datasheet HTML 3Page - Infineon Technologies AG TLS105B0 Datasheet HTML 4Page - Infineon Technologies AG TLS105B0 Datasheet HTML 5Page - Infineon Technologies AG TLS105B0 Datasheet HTML 6Page - Infineon Technologies AG TLS105B0 Datasheet HTML 7Page - Infineon Technologies AG TLS105B0 Datasheet HTML 8Page - Infineon Technologies AG TLS105B0 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLS105B0
High Precision Voltage Tracker
Features
•
50 mA current capability
•
Very high accuracy tracking
•
Output voltage adjustable down to 2.0 V
•
Stable with ceramic output capacitors
•
Very low dropout voltage of typ. 250 mV at 50 mA
•
Very low current consumption of typ. 3 µA in off mode
•
Wide input voltage range -16 V ≤ VIN ≤ 45 V
•
Wide temperature range: -40°C ≤ Tj ≤ 150°C
•
Short circuit protected output (to GND and to battery)
•
Reverse polarity protected input
•
Overtemperature protection
•
Green Product (RoHS compliant)
Potential applications
•
Automotive sensor supply
•
Protected sensor supply for off-board sensors
•
Secondary voltage supply for automotive ECU
•
High precision voltage tracking
•
Precision voltage replication
•
Power switch for off-board load
Product validation
Qualified for Automotive Applications.
Product validation according to AEC-Q100/101.
Description
The TLS105B0 is a monolithic integrated low-dropout voltage tracking regulator with high accuracy in small PG-
SCT595-5 package. The TLS105B0 is designed to supply off-board systems, for example sensors in powertrain
management systems under the severe conditions of automotive applications. Therefore, the TLS105B0 is
equipped with additional protection functions against reverse polarity as well as short circuit to GND and
battery. Up to a supply voltage of 40 V and up to an output current of 50 mA the output voltage follows the
reference voltage applied to the EN/ADJ input with very high accuracy. The required minimum reference voltage
at EN/ADJ is 2.0 V.
Type
Package
Marking
TLS105B0MB
PG-SCT595-5
05
Data Sheet
Please read the Important Notice and Warnings at the end of this document
Rev. 1.0
www.infineon.com/power
2018-01-22


Similar Part No. - TLS105B0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS105B0MB INFINEON-TLS105B0MB Datasheet
1Mb / 24P
OPTIREG™ linear voltage regulator TLS105B0MB High-precision voltage tracker
Rev. 1.14 2023-07-25
More results

Similar Description - TLS105B0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
Voltage Tracker
logo
SHENZHEN KYL COMMUNICAT...
GSM KYL-GSM Datasheet
168Kb / 15P
Tracker
logo
Rohm
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
Voltage Tracker
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
250 mA Output Voltage Tracker
logo
Infineon Technologies A...
TLS102B0 INFINEON-TLS102B0 Datasheet
1Mb / 22P
High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS115D0 INFINEON-TLS115D0 Datasheet
1Mb / 26P
High Precision Voltage Tracker
Rev. 1.00 2016-10-13
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com