Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD57030 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD57030
Description  RF POWER TRANSISTORS The LdmoST FAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57030 Datasheet(HTML) 6 Page - STMicroelectronics

  SD57030 Datasheet HTML 1Page - STMicroelectronics SD57030 Datasheet HTML 2Page - STMicroelectronics SD57030 Datasheet HTML 3Page - STMicroelectronics SD57030 Datasheet HTML 4Page - STMicroelectronics SD57030 Datasheet HTML 5Page - STMicroelectronics SD57030 Datasheet HTML 6Page - STMicroelectronics SD57030 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD57030
6/7
Controlling dimension: Inches
1022142E
M243 (.230 x .360 2L N/HERM W/FLG) MECHANICAL DATA
mm
Inch
MIN.
TYP.
MAX
MIN.
TYP.
MAX
A
5.21
5.72
0.205
0.225
B
5.46
6.48
0.215
0.255
C
5.59
6.10
0.220
0.240
D
14.27
0.562
E
20.07
20.57
0.790
0.810
F
8.89
9.40
0.350
0.370
G
0.10
0.15
0.004
0.006
H
3.18
4.45
0.125
0.175
I
1.83
2.24
0.072
0.088
J
1.27
1.78
0.050
0.070
DIM.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com