Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

118AHT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 118AHT Datasheet HTML 3Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 4Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 5Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 6Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 7Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 9Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 10Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
16
1000
12.5
× 30
01
720
100
36
0.22
0.345
0.28
118 15102
118 25102
−−
1500
12.5
× 30
01
790
148
52
0.29
0.305
0.27
118 15152
118 25152
−−
2200
15
× 30
02
1010
215
74
0.29
0.205
0.18
118 15222
118 25222
−
118 45222
3300
18
× 30
03
1300
321
110
0.34
0.165
0.15
118 15332
−−
118 45332
4700
18
× 38
04
1670
455
150
0.34
0.105
0.10
118 15472
−−
118 45472
6800
21
× 38
05
1790
657
220
0.38
0.088
0.10
118 15682
−−
118 45682
25
100
6.5
× 18
4
102
20
9
0.18
2.86
2.3
−
118 26101
118 36101
−
220
10
× 18
6
196
37
15
0.18
1.30
1.25
−
118 26221
118 36221
−
330
10
× 25
7
274
54
21
0.18
0.87
0.82
−
118 26331
118 36331
−
470
10
× 25
7
327
75
28
0.18
0.61
0.57
−
118 90508
118 90509
−
470
10
× 30
00
490
75
28
0.18
0.61
0.50
118 16471
118 26471
−−
680
12.5
× 30
01
680
106
38
0.18
0.42
0.30
118 16681
118 26681
−−
1000
12.5
× 30
01
760
154
54
0.24
0.375
0.28
118 16102
118 26102
−−
1500
15
× 30
02
980
229
79
0.25
0.263
0.22
118 16152
118 26152
−
118 46152
2200
18
× 30
03
1240
334
110
0.26
0.185
0.17
118 16222
−−
118 46222
3300
18
× 38
04
1610
499
170
0.26
0.12
0.11
118 16332
−−
118 46332
4700
21
× 38
05
1710
709
240
0.28
0.095
0.10
118 16472
−−
118 46472
40
47
6.5
× 18
4
89.8
20
7.8
0.11
3.72
2.8
−
118 27479
118 37479
−
100
8
× 18
5
147
28
12
0.11
1.75
1.3
−
118 27101
118 37101
−
150
10
× 18
6
207
40
16
0.11
1.17
1.0
−
118 27151
118 37151
−
220
10
× 25
7
287
57
22
0.11
0.80
0.68
−
118 90511
118 90512
−
220
10
× 30
00
390
57
22
0.10
0.70
0.55
118 17221
118 27221
−−
330
12.5
× 30
01
570
83
30
0.10
0.43
0.33
118 17331
118 27331
−−
470
12.5
× 30
01
620
117
42
0.11
0.38
0.30
118 17471
118 27471
−−
680
15
× 30
02
810
167
58
0.11
0.255
0.23
118 17681
118 27681
−
118 47681
1000
18
× 30
03
1070
244
84
0.13
0.205
0.18
118 17102
−−
118 47102
1500
18
× 38
04
1390
364
120
0.13
0.13
0.11
118 17152
−−
118 47152
2200
21
× 38
05
1540
532
180
0.15
0.105
0.10
118 17222
−−
118 47222
UR
(V)
CR
100 Hz
(
µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
CASE
CODE
IR
100 Hz
125
°C
(mA)
IL1
1min
(
µA)
IL5
5min
(
µA)
Tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
CATALOGUE NUMBER 2222 ... .....
IN BOX
FORM AA
TAPED ON
REEL
FORM BR
TAPED IN
BOX
FORM BA
MOUNTING
RING
FORM MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com