Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

118AHT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 118AHT Datasheet HTML 4Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 5Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 6Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 7Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 9Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 10Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 11Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
63
1.0
6.5
× 18
4
16.4
20
4.1
0.07
110
22
−
118 28108
118 38108
−
2.2
6.5
× 18
4
24.3
20
4.3
0.07
51
15
−
118 28228
118 38228
−
4.7
6.5
× 18
4
35.6
20
4.6
0.07
24
8.9
−
118 28478
118 38478
−
10
6.5
× 18
4
51.9
20
5.3
0.07
11
5.6
−
118 28109
118 38109
−
22
6.5
× 18
4
77.0
20
6.8
0.07
5.1
3.2
−
118 28229
118 38229
−
47
8
× 18
5
126
22
9.9
0.07
2.4
1.5
−
118 28479
118 38479
−
100
10
× 25
7
243
42
17
0.07
1.1
0.7
−
118 90513
118 90514
−
100
10
× 30
00
340
42
17
0.07
1.91
1.62
118 18101
118 28101
−−
150
12.5
× 30
01
490
61
23
0.07
1.00
0.79
118 18151
118 28151
−−
220
12.5
× 30
01
550
87
32
0.08
0.94
0.82
118 18221
118 28221
−−
330
15
× 30
02
730
129
46
0.09
0.63
0.56
118 18331
118 28331
−
118 48331
470
18
× 30
03
970
182
63
0.09
0.44
0.39
118 18471
−−
118 48471
680
18
× 38
04
1230
261
90
0.09
0.30
0.26
118 18681
−−
118 48681
1000
21
× 38
05
1400
383
130
0.10
0.16
0.20
118 18102
−−
118 48102
100
4.7
6.5
× 18
4
36
20
4.9
0.07
24
19
−
118 29478
118 39478
−
10
6.5
× 18
4
52
20
6.0
0.07
11
9.0
−
118 29109
118 39109
−
22
8
× 18
5
91
20
8.4
0.07
5.1
4.0
−
118 29229
118 39229
−
33
10
× 25
7
140
24
11
0.07
3.4
2.7
−
118 29339
118 39339
−
47
10
× 25
7
170
33
13
0.07
2.6
2.0
−
118 90535
118 90536
−
47
10
× 30
00
240
33
13
0.08
2.6
2.0
118 19479
118 29479
−−
68
12.5
× 30
01
320
45
18
0.08
1.8
1.2
118 19689
118 29689
−−
100
12.5
× 30
01
380
64
24
0.09
1.4
1.15
118 19101
118 29101
−−
150
15
× 30
02
500
94
34
0.10
0.94
0.78
118 19151
118 29151
−
118 49151
220
18
× 30
03
690
136
48
0.10
0.66
0.55
118 19221
−−
118 49221
330
18
× 38
04
890
202
70
0.10
0.45
0.37
118 19331
−−
118 49331
470
21
× 38
05
1050
286
98
0.10
0.33
0.28
118 19471
−−
118 49471
UR
(V)
CR
100 Hz
(
µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
CASE
CODE
IR
100 Hz
125
°C
(mA)
IL1
1min
(
µA)
IL5
5min
(
µA)
Tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
CATALOGUE NUMBER 2222 ... .....
IN BOX
FORM AA
TAPED ON
REEL
FORM BR
TAPED IN
BOX
FORM BA
MOUNTING
RING
FORM MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com