Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9713 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9713
Description  6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9713 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9713 Datasheet HTML 9Page - Maxim Integrated Products MAX9713 Datasheet HTML 10Page - Maxim Integrated Products MAX9713 Datasheet HTML 11Page - Maxim Integrated Products MAX9713 Datasheet HTML 12Page - Maxim Integrated Products MAX9713 Datasheet HTML 13Page - Maxim Integrated Products MAX9713 Datasheet HTML 14Page - Maxim Integrated Products MAX9713 Datasheet HTML 15Page - Maxim Integrated Products MAX9713 Datasheet HTML 16Page - Maxim Integrated Products MAX9713 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
6W, Filterless, Spread-Spectrum
Mono/Stereo Class D Amplifiers
______________________________________________________________________________________
13
MAX9714
0.47µF
LOGIC INPUTS SHOWN FOR AV = 16dB (SSM).
INL+
10
9
19
11
17
18
12
13 AGND
14
6
5
20
INL-
FS1
VREG
VREG
VREG
VREG
FS2
G1
G2
SS
REG
0.47µF
MODULATOR
OSCILLATOR
CHARGE PUMP
C1P
C1
0.1µF
C1N
0.18µF
VIH
GAIN
CONTROL
SHUTDOWN
CONTROL
0.47µF
SHDN
H-BRIDGE
OUTL+
OUTL+
OUTL-
OUTL-
32
31
30
29
PGND
VDD
VDD
PGND
13
4
21 2223 24
2
10V TO +25V
100µF
0.1µF
0.1µF
C2
1µF
CHOLD
VDD
7
0.47µF
INR+
15
16 INR-
0.47µF
MODULATOR
H-BRIDGE
OUTR+
OUTR+
OUTR-
OUTR-
26
25
28
27
Functional Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com