Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9713 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9713
Description  6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9713 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9713 Datasheet HTML 1Page - Maxim Integrated Products MAX9713 Datasheet HTML 2Page - Maxim Integrated Products MAX9713 Datasheet HTML 3Page - Maxim Integrated Products MAX9713 Datasheet HTML 4Page - Maxim Integrated Products MAX9713 Datasheet HTML 5Page - Maxim Integrated Products MAX9713 Datasheet HTML 6Page - Maxim Integrated Products MAX9713 Datasheet HTML 7Page - Maxim Integrated Products MAX9713 Datasheet HTML 8Page - Maxim Integrated Products MAX9713 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
6W, Filterless, Spread-Spectrum
Mono/Stereo Class D Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VDD to PGND, AGND .............................................................30V
OUTR_, OUTL_, C1N..................................-0.3V to (VDD + 0.3V)
C1P............................................(VDD - 0.3V) to (CHOLD + 0.3V)
CHOLD ........................................................(VDD - 0.3V) to +40V
All Other Pins to GND.............................................-0.3V to +12V
Duration of OUTR_/OUTL_
Short Circuit to GND, VDD ......................................Continuous
Continuous Input Current (VDD, PGND, AGND) ...................1.6A
Continuous Input Current (all other pins)..........................±20mA
Continuous Power Dissipation (TA = +70°C)
MAX9713 32-Pin TQFN (derate 21.3mW/°C
above +70°C)..........................................................1702.1mW
MAX9714 32-Pin TQFN (derate 33.3mW/°C
above +70°C)..........................................................2666.7mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = 15V, GND = PGND = 0V, SHDN ≥ VIH, AV = 16dB, CSS = CIN = CREG = 0.47µF, C1 = 100nF, C2 = 1µF, FS1 = FS2 = GND
(fS = 330kHz), RL connected between OUTL+ and OUTL- and OUTR+ and OUTR-, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range
VDD
Inferred from PSRR test
10
25
V
MAX9713
10
17.5
Quiescent Current
IDD
RL = ∞
MAX9714
18
23
mA
Shutdown Current
ISHDN
0.2
1.5
µA
CSS = 470nF
100
Turn-On Time
tON
CSS = 180nF
50
ms
Amplifier Output Resistance in
Shutdown
SHDN = GND
150
330
k
Ω
AV = 13dB
35
58
80
AV = 16dB
30
48
65
AV = 19.1dB
23
39
55
Input Impedance
RIN
AV = 22.1dB
20
31
42
k
Ω
G1 = L, G2 = L
21.9
22.1
22.3
G1 = L, G2 = H
18.9
19.1
19.3
G1 = H, G2 = L
12.8
13
13.2
Voltage Gain
AV
G1 = H, G2 = H
15.9
16
16.3
dB
Gain Matching
Between channels (MAX9714)
0.5
%
Output Offset Voltage
VOS
±1.6
±1.3
mV
Common-Mode Rejection Ratio
CMRR
fIN = 1kHz, input referred
60
dB
VDD = 10V to 25V
54
76
fRIPPLE = 1kHz
76
Power-Supply Rejection Ratio
(Note 3)
PSRR
200mVP-P ripple
fRIPPLE = 20kHz
60
dB
RL = 16Ω
5.5
8
Output Power
POUT
THD+N = 10%,
f = 1kHz
RL = 8Ω
6
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com